Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S207C6T6B Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM8S207C6T6B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207C6T6B Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM8S207C6T6B Datasheet HTML 95Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 96Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 97Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 98Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 99Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 100Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 101Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 102Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 100 / 103 page
background image
Ordering information
STM8S207xx, STM8S208xx
100/103
Doc ID 14733 Rev 9
13
Ordering information
Figure 49.
STM8S207xx/208xx performance line ordering information scheme(1)
1.
For a list of available options (e.g. memory size, package) and orderable part numbers or for further
information on any aspect of this device, please go to www.st.com or contact the ST Sales Office nearest
to you.
2.
Refer to Table 2: STM8S20xxx performance line features for detailed description.
STM8
S
208
M
B
T
6
B
TR
Product class
STM8 microcontroller
Pin count
K = 32 pins
S = 44 pins
C = 48 pins
R = 64 pins
M = 80 pins
Package type
T = LQFP
Example:
Sub-family type(2)
208 = Full peripheral set
207 = Intermediate peripheral set
Family type
S = Standard
Temperature range
3 = -40 °C to 125 °C
6 = -40 °C to 85 °C
Program memory size
6 = 32 Kbyte
8 = 64 Kbyte
B = 128 Kbyte
Package pitch
No character = 0.5 mm
B = 0.65 mm
C = 0.8 mm
Packing
No character = Tray or tube
TR = Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com