Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S207C6T6B Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM8S207C6T6B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207C6T6B Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM8S207C6T6B Datasheet HTML 47Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 48Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 49Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 50Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 51Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 52Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 53Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 54Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 103 page
background image
STM8S207xx, STM8S208xx
Unique ID
Doc ID 14733 Rev 9
51/103
9
Unique ID
The devices feature a 96-bit unique device identifier which provides a reference number that
is unique for any device and in any context. The 96 bits of the identifier can never be altered
by the user.
The unique device identifier can be read in single bytes and may then be concatenated
using a custom algorithm.
The unique device identifier is ideally suited:
●
For use as serial numbers
●
For use as security keys to increase the code security in the program memory while
using and combining this unique ID with software crytograhic primitives and protocols
before programming the internal memory.
●
To activate secure boot processes
Table 14.
Unique ID registers (96 bits)
Address
Content
description
Unique ID bits
76
54
3
2
1
0
0x48CD
X co-ordinate on
the wafer
U_ID[7:0]
0x48CE
U_ID[15:8]
0x48CF
Y co-ordinate on
the wafer
U_ID[23:16]
0x48D0
U_ID[31:24]
0x48D1
Wafer number
U_ID[39:32]
0x48D2
Lot number
U_ID[47:40]
0x48D3
U_ID[55:48]
0x48D4
U_ID[63:56]
0x48D5
U_ID[71:64]
0x48D6
U_ID[79:72]
0x48D7
U_ID[87:80]
0x48D8
U_ID[95:88]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com