Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D75AS Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # D75AS
Description  5x7mm Surface Mount High Precision TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

D75AS Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  D75AS Datasheet HTML 1Page - Connor-Winfield Corporation D75AS Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
Bulletin
Page
Revision
Date
Tx243
1of2
01
01 May 2009
5x7mm Surface Mount
High Precision
TCXO
The Connor-Winfield D75A
5x7mm Surface Mount
Temperature Compensated
Crystal Controlled Oscillators
(TCXO) with a
output. Through the use of
Analog Temperature Compensation, the
D75A
capable of holding sub
-
ppm stabilities over the 0 to 70
temperature range.
’s
S
is a
clipped
sinewave
S is
0.25
°C
Model D75AS
TCXO
3.3V Operation
Clipped Sinwave Output
Frequency
:
Temperature Range:
Low Jitter <1pS RMS
Tri-State Enable/Disable Function
5x7mm Surface Mount Package
Tape and Reel Packaging
RoHS Compliant / Lead Free
Stability ±0.25ppm
0 to 70°C
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
US Headquarters
630-851-4722:
European Headquarters:
+353-61-472221
D75AS
0847
20.0MHz
Description
Features
In Stock at Digi-Key
Note:
1)
Initial calibration @ 25
°C. Specifications at time of shipment after 48 hours of operation
2)
Frequency stability vs. change in temperature.
3)
Frequency change after reciprocal temperature ramped over the operating range. Frequency measured before
and after at 25°C.
4)
Within two hours after reflow.
5)
Inclusive of calibration @ 25
°C, frequency vs. change in temperature, change in supply voltage (±5%), load
change (±5%), reflow soldering process and 20 years aging, referenced to Fo.
6)
Leave Pad 8 unconnected if enable / disable function is not required. When tri-stated, the output stage is
disabled but the oscillator and compensation circuit are still active (current consumption < 1mA).
7)
Output is AC coupled.
8)
For best performance it is recommended that the circuit connected to this output should have an equivalent
input capacitance of 10pF.
Specifications
Absolute Maximum Ratings
Parameter
Minimum
Nominal
Maximum
Units
Note
Storage Temperature
-55
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
6.0
Vdc
Input Voltage
-0.5
-
Vcc+0.5
Vdc
Operating Specifications
Parameter
Minimum
Nominal
Maximum
Units
Note
Center Frequency
(Fo)
20.0
MHz
Frequency Calibration @ 25
°C
-1.00
-
1.00
ppm
1
Frequency Stability [±(Fmax – Fmin)/2.Fo]
-0.25
-
0.25
ppm
2
Supply Voltage Variation (Vcc ±5%)
-0.025
-
0.025
ppm
Load Coefficient (±5%)
-0.025
-
0.025
ppm
Static Temperature Hysteresis
-
-
0.40
ppm
Absolute, 3
Frequency shift after reflow soldering
-1.00
-
1.00
ppm
4
Aging 1
st year
-1.00
-
1.00
ppm
Total Frequency Tolerance
-4.60
-
4.60
ppm
5
Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
-
10
mA
Period Jitter
-
3
5
ps rms
Phase Jitter (BW=12kHz to 20MHz)
-
0.5
1
ps rms
SSB Phase Noise at 10Hz offset
-
-80
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-110
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-135
dBc/Hz
SSB Phase Noise at >10KHz offset
-
-150
dBc/Hz
Input Characteristics For Enable / Disable Function (Pin 8)
Parameter
Minimum
Nominal
Maximum
Units
Note
Enable Voltage (High) or open circuit
(Vih)
70%Vcc
-
-
Vdc
6
Disable Voltage (Low) Output Disabled
(Vil)
-
-
30%Vcc
Vdc
Clipped Sinewave Output Characteristics
Parameter
Minimum
Nominal
Maximum
Units
Note
Output Voltage
1.00
-
-
V pk-pk
7
Output Load Resistance
-
10K
-
Ohms
Output Load Capacitance
-
10
-
pF
8


Similar Part No. - D75AS

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
D75AS CONNOR-WINFIELD-D75AS Datasheet
452Kb / 2P
5x7mm Precision TCXO In Stock at Digi-Key
D75AS-020.0M CONNOR-WINFIELD-D75AS-020.0M Datasheet
119Kb / 2P
5x7mm Surface Mount High Precision TCXO
D75AS CONNOR-WINFIELD-D75AS_11 Datasheet
452Kb / 2P
5x7mm Precision TCXO In Stock at Digi-Key
More results

Similar Description - D75AS

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
D75A-010.0M CONNOR-WINFIELD-D75A-010.0M Datasheet
128Kb / 2P
5x7mm Surface Mount High Precision TCXO
D75AS-020.0M CONNOR-WINFIELD-D75AS-020.0M Datasheet
119Kb / 2P
5x7mm Surface Mount High Precision TCXO
D75F-013.0M CONNOR-WINFIELD-D75F-013.0M Datasheet
117Kb / 2P
5x7mm Surface Mount High Precision TCXO
D75J-038.88M CONNOR-WINFIELD-D75J-038.88M Datasheet
118Kb / 2P
5x7mm Surface Mount High Precision TCXO
T533D5 CONNOR-WINFIELD-T533D5 Datasheet
218Kb / 2P
3.3V 5X7mm SURFACE MOUNT TCXO
D75A-020M CONNOR-WINFIELD-D75A-020M Datasheet
444Kb / 3P
5x7mm Precision TCXO Model D75A
D75J-050M CONNOR-WINFIELD-D75J-050M Datasheet
470Kb / 2P
5x7mm Precision TCXO Model D75J
DV75C-020M CONNOR-WINFIELD-DV75C-020M Datasheet
508Kb / 4P
5x7mm Precision TCXO Model DV75C
DV75C-040M CONNOR-WINFIELD-DV75C-040M Datasheet
508Kb / 4P
5x7mm Precision TCXO Model DV75C
DV75D-020M CONNOR-WINFIELD-DV75D-020M Datasheet
426Kb / 2P
5x7mm Precision TCXO Model DV75D
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com