Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D75AS Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # D75AS
Description  5x7mm Surface Mount High Precision TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

D75AS Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  D75AS Datasheet HTML 1Page - Connor-Winfield Corporation D75AS Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Bulletin
Page
Revision
Date
Tx243
2of2
01
01 May 2009
1
0.276 0.006
(7.0mm)
±
0.197
0.006
(5.0mm)
±
0.079 Max.
(2.0mm)
0.025(6 Places)
(0.635mm)
0.100
(2.54mm)
0.040
(1.02mm)
(6 Places)
0.030
(0.762mm)
(4 Places)
0.100
(2.54mm)
Pin 1
0.038
(0.965mm)
(4 Places)
D75AS 0847
20.0MHz
Dimensional Tolerance:
±.005 (.127mm)
±.02 (.508mm)
1
23
4
5
6
7
8
9
10
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
Pad
Connection
1
Do not connect
2
Do not connect
3
Do not connect
4
Ground
5
Output
6
Do not connect
7
Do not connect
8
Enable / Disable
9
Supply, Vcc
10
Do not connect
Pad Connections
Package Layout
Suggested Pad Layout
Solder Profile
Output Waveform
Test Circuit
Ordering Information
D75AS - 020.0MHZ *
Tape and Reel Information
Environmental Characteristics
Vibration:
Vibration per Mil Std 883E Method 2007.3 Test Condition A
Shock:
Mechanical Shock per Mil Std 883E Method 2002.4 Test Condition B.
Soldering:
SMD product suitable for Convection Reflow soldering. Peak temperature
260
°C. Maximum time above 220°C, 60 seconds.
Solderability
Solderability per Mil Std 883E Method 2003
Package Characteristics
Package
Ceramic Surface Mount Package.
Design Recommendations
TCXO
SERIES
CENTER
FREQUENCY
TCXO
SERIES
CENTER
FREQUENCY
OSC
TOP LAYER
GROUND LAYER
BOTTOM LAYER
Output
Buffer
50 Ohm Trace
Without
Vias
Vcc, should have
a large copper
area for reduced
inductance.
Connect a 0.01uF
bypass capacitor
<0.1”(2.54mm)
from the pad.
Ground,
should have
a large copper
area for reduced
inductance.
0.010”(0.254mm)
Recommended
clearance
inductance
for internal
copper flood.
Top View
1
3
4
5
6
8
9
10
Buffer
Ground
Buffer
should be equivalent to
50 Ohm trace
<1”by design
input load
15pF.
Vcc
Ground
Top View
Do not route any traces in the keep out area.
It is recommended the next layer under the
keep out area is to be ground plane.
0.215
(5.46mm)
0.037
(0.94mm)
0.051
(1.28mm)
0.051
(1.28mm)
0.295
(7.49mm)
0.030
(0.76mm)
Top View
1
* Do not route any traces in the keep out area.
It is recommended the next layer under the
keep out area is to be ground plane.
Keep Out Area*
* For the tape and reel option,
add -T to the end of the part number.
Example: D75AS-020.0 MHZ -T
Vcc
Supply
Voltage
.01 uF
Bypass
3
5
4
8
7
6
2
1
10
9
DNC
DNC
DNC DNC
DNC DNC
Output
10 pF**
E/D
DNC = Do Not Connect
E/D = Enable / Disable
** NPO Grade component
10Kohm
10ns 200mV



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com