Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-80-15 Datasheet(PDF) 2 Page - CUI INC

Part # VOF-80-15
Description  switching power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-80-15 Datasheet(HTML) 2 Page - CUI INC

  VOF-80-15 Datasheet HTML 1Page - CUI INC VOF-80-15 Datasheet HTML 2Page - CUI INC VOF-80-15 Datasheet HTML 3Page - CUI INC VOF-80-15 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
rev.
page
date
DESCRIPTION: switching power supply
2 of 4
02/2010
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VOF-80
GENERAL AND SAFETY
parameter
conditions/description
min
nom
max
units
switching frequency
65
kHz
operating temp.
060
ºC
storage temp.
-20
85
ºC
operating humidity non-condensing
20
90
% RH
storage humidity
non-condensing
20
95
% RH
operating altitude
10000 / 3000
ft / m
storage altitude
30000 / 9000
ft / m
leakage current
per EN60950, at 264 V ac
1.5
mA
isolation voltage
primary to secondary
3000
V ac
(for 1 minute)
primary to transformer core
1500
V ac
primary to ground
1500
V ac
RoHS
compliant
safety
approved to CB, TUV EN60950, CE, UL/cUL 60950-1
EMI
conducted emission comply with FCC class B, EN55022 class B
insulation resistance
measured at 500 V dc, room temperature
50
MΩ
DERATING CURVES
input vs. load (for all models)
temperature vs. load (for 3.3, 5 V models)
temperature vs. load (for 12, 15, 24, 48 V models)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com