Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-80-15 Datasheet(PDF) 1 Page - CUI INC

Part # VOF-80-15
Description  switching power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-80-15 Datasheet(HTML) 1 Page - CUI INC

  VOF-80-15 Datasheet HTML 1Page - CUI INC VOF-80-15 Datasheet HTML 2Page - CUI INC VOF-80-15 Datasheet HTML 3Page - CUI INC VOF-80-15 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
rev.
page
date
page
date
DESCRIPTION: switching power supply
1 of 4
02/2010
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VOF-80
features
• no-load power consumption < 0.5W
• universal input 85~264 V ac
• over current, over voltage protected
• industry standard footprint
• efficiency up to 89%
• safety approved to CB, TUV, CE, UL/cUL
• conducted EMI meets EN55022 class B and FCC class B
MODEL
output voltage
output current4 total regulation1,2 ripple & noise3
efficiency
(V dc)
(A)
(%)
(mVp-pmax.)
(%)
VOF-80-3.3
3.3
10
±5
120
75
VOF-80-5
5
10
±5
120
76
VOF-80-12
12
6.66
±5
120
85
VOF-80-15
15
5.33
±5
150
86
VOF-80-24
24
3.33
±5
240
87
VOF-80-48
48
1.66
±5
480
89
notes:
1. Measured from high line to low line at rated load.
2. Measured from full load to 10% load at 115 V ac.
3. Ripple & noise are measured at 20MHz bandwidth with 0.1 µf ceramic & 10 µf electrolytic capacitors on the output.
The two earth ground pads are connected to input earth ground.
4. See derating curves
INPUT
parameter
conditions/description
min
nom
max
units
input frequency
47
63
Hz
input voltage
output power derated from 85-90 V ac
85
264
V ac
input current
AC input of 110 V ac
1500
mA
AC input of 220 V ac
800
mA
inrush current
AC input of 110 V ac, full load, cold start
25
A
AC input of 220 V ac, full load, cold start
50
A
input fuse
built-in, non-user serviceable
OUTPUT
parameter
conditions/description
min
nom
max
units
efficiency
see table above, typical values measured
at 115 V ac, full load
hold up time
at 115 V ac, full load
8
mS
adjustability
-10
+5
%
temp. coefficient
-0.05
+0.05
%/°C
PROTECTION CIRCUIT
parameter
conditions/description
output overload
current limiting starts at 105% of the rated output current and recovers automatically
output over voltage output voltage is limited by TVS clamping to: 6.8 V for 3.3 & 5 V models, 135% for all other models
output short circuit
protected, long-term short circuit may reduce reliability


Similar Part No. - VOF-80-15

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-80-15 CUI-VOF-80-15 Datasheet
323Kb / 5P
AC-DC POWER SUPPLY
VOF-80-15 CUI-VOF-80-15 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - VOF-80-15

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
Switching Power Supply
logo
CUI INC
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
SWITCHING POWER SUPPLY
EPSA120200U CUI-EPSA120200U Datasheet
241Kb / 5P
SWITCHING POWER SUPPLY
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
SWITCHING POWER SUPPLY
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com