Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9502 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9502
Description  8-bit I/O expander with I2C-bus/SPI interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9502 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9502 Datasheet HTML 1Page - NXP Semiconductors PCA9502 Datasheet HTML 2Page - NXP Semiconductors PCA9502 Datasheet HTML 3Page - NXP Semiconductors PCA9502 Datasheet HTML 4Page - NXP Semiconductors PCA9502 Datasheet HTML 5Page - NXP Semiconductors PCA9502 Datasheet HTML 6Page - NXP Semiconductors PCA9502 Datasheet HTML 7Page - NXP Semiconductors PCA9502 Datasheet HTML 8Page - NXP Semiconductors PCA9502 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
PCA9502_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 October 2006
5 of 25
NXP Semiconductors
PCA9502
8-bit I/O expander with I2C-bus/SPI interface
7.2 Interrupts
The PCA9502 has interrupt generation capability. The interrupt enable register (IOIntEna)
enables interrupts due to I/O pin change of state, and the IRQ signal in response to an
interrupt generation.
8.
Register descriptions
The programming combinations for register selection are shown in Table 5.
[1]
Other addresses 0x00 through 0x09, 0x0F are reserved and should not be accessed (read or write).
[2]
These bits are reserved and should be set to 0.
8.1 Programmable I/O pins Direction register (IODir)
This register is used to program the I/O pins direction. Bit 0 to bit 7 control GPIO0 to
GPIO7.
Remark: If there is a pending input (GPIO) interrupt and IODir is written, this pending
interrupt will be cleared, that is, the interrupt signal will be negated.
Table 5.
Register map - read/write properties
Register name
Read mode
Write mode
IODir
I/O pin direction
I/O pin direction
IOState
I/O pin states
n/a
IOIntEna
I/O interrupt enable register
I/O interrupt enable register
IOControl
I/O pins control
I/O pins control
Table 6.
PCA9502 internal registers
Register
address
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R/W
General Register Set
0x0A[1]
IODir
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x0B[1]
IOState
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x0C[1]
IOIntEna
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x0D[1]
reserved
[2]
reserved
[2]
reserved
[2]
reserved
[2]
reserved
[2]
reserved
[2]
reserved
[2]
reserved
[2]
reserved
[2]
0x0E[1]
IOControl
reserved
[2]
reserved
[2]
reserved
[2]
reserved
[2]
SReset
reserved
[2]
reserved
[2]
IOLatch
R/W
Table 7.
IODir register (address 0x0A) bit description
Bit
Symbol
Description
7:0
IODir
set GPIO pins 7:0 to input or output
0 = input
1 = output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com