Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9502 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9502
Description  8-bit I/O expander with I2C-bus/SPI interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9502 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9502 Datasheet HTML 4Page - NXP Semiconductors PCA9502 Datasheet HTML 5Page - NXP Semiconductors PCA9502 Datasheet HTML 6Page - NXP Semiconductors PCA9502 Datasheet HTML 7Page - NXP Semiconductors PCA9502 Datasheet HTML 8Page - NXP Semiconductors PCA9502 Datasheet HTML 9Page - NXP Semiconductors PCA9502 Datasheet HTML 10Page - NXP Semiconductors PCA9502 Datasheet HTML 11Page - NXP Semiconductors PCA9502 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
PCA9502_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 October 2006
8 of 25
NXP Semiconductors
PCA9502
8-bit I/O expander with I2C-bus/SPI interface
A slave receiver must generate an acknowledge after the reception of each byte, and a
master must generate one after the reception of each byte clocked out of the slave
transmitter.
There is an exception to the ‘acknowledge after every byte’ rule. It occurs when a master
is a receiver: it must signal an end of data to the transmitter by not signalling an
acknowledge on the last byte that has been clocked out of the slave. The acknowledge
related clock, generated by the master should still take place, but the SDA line will not be
pulled down. In order to indicate that this is an active and intentional lack of
acknowledgement, we shall term this special condition as a ‘negative acknowledge’.
9.2 Addressing and transfer formats
Each device on the bus has its own unique address. Before any data is transmitted on the
bus, the master transmits on the bus the address of the slave to be accessed for this
transaction. A well-behaved slave with a matching address, if it exists on the network,
should of course acknowledge the master's addressing. The addressing is done by the
first byte transmitted by the master after the START condition.
An address on the network is seven bits long, appearing as the most significant bits of the
address byte. The last bit is a direction (R/W) bit. A ‘0’ indicates that the master is
transmitting (write) and a ‘1’ indicates that the master requests data (read). A complete
data transfer, comprised of an address byte indicating a ‘write’ and two data bytes is
shown in Figure 8.
Fig 6.
Data transfer on the I2C-bus
S
P
SDA
SCL
MSB
0
1
6
7
8
0
1
2 to 7
8
ACK
ACK
002aab012
START
condition
STOP
condition
acknowledgement signal
from receiver
byte complete,
interrupt within receiver
clock line held LOW
while interrupt is serviced
Fig 7.
Acknowledge on the I2C-bus
S
01
6
7
8
002aab013
data output
by transmitter
data output
by receiver
SCL from master
START
condition
transmitter stays off of the bus
during the acknowledge clock
acknowledgement signal
from receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com