Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTCX36-750M-R05 Datasheet(PDF) 1 Page - Tyco Electronics

Part # GTCX36-750M-R05
Description  Gas Discharge Tubes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCX36-750M-R05 Datasheet(HTML) 1 Page - Tyco Electronics

  GTCX36-750M-R05 Datasheet HTML 1Page - Tyco Electronics GTCX36-750M-R05 Datasheet HTML 2Page - Tyco Electronics GTCX36-750M-R05 Datasheet HTML 3Page - Tyco Electronics GTCX36-750M-R05 Datasheet HTML 4Page - Tyco Electronics GTCX36-750M-R05 Datasheet HTML 5Page - Tyco Electronics GTCX36-750M-R05 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Gas Discharge Tubes
GTCX36-XXXM-R05 Series
Gas Discharge Tubes
Document: SCD 27698
Status: Released
© 2009 Tyco Electronics Corporation. All rights reserved.
1
Rev: A
Date: JULY 23, 2009
Benefits:
• Compact, small form factor suitable for efficient
assembly
• Helps provide overvoltage fault protection against
high energy surges
• Suitable for high-frequency applications
Features:
• 3Pole, 6mm devices
• Broad voltage range from 75V-600V
• Various form factors: surface-mount, leaded, no
leads
• Optional fail-short mechanism on some devices
• Low capacitance and insertion loss
• Crowbar overvoltage protection
• UL 497B recognized
• RoHS compliant
• Devices tested per ITU K.12 recommendations
• Non-radioactive materials
Applications:
• Telecommunications
• Industrial and consumer electronics, such as
- MDF modules, xDSL equipment, RF system
- Surge protectors
protection, antenna, base station
- Alarm system
Raychem Circuit Protection 6mm 3Pole GDTs
(ceramic gas discharge tubes), are commonly used
to help protect sensitive telecom equipment such
as communication lines, signal lines and data
transmission lines from damage caused by
transient surge voltages that typically result from
lightning
strikes
and
equipment
switching
operations.
Raychem Circuit Protection GDTs offer a high
level of surge protection, low capacitance and a
broad array of breakover voltage levels, making
them suitable for applications such as MDF (Main
Distribution Frame) modules, high data-rate
telecom applications (e.g. ADSL, VDSL), and
surge protection on power lines. Raychem Circuit
Protection GDTs can help equipment meet the
most stringent regulatory standards.


Similar Part No. - GTCX36-750M-R05

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCX36-750M-R10 MACOM-GTCX36-750M-R10 Datasheet
221Kb / 6P
Gas Discharge Tubes
GTCX36-750M-R10 MACOM-GTCX36-750M-R10 Datasheet
221Kb / 6P
Gas Discharge Tubes
More results

Similar Description - GTCX36-750M-R05

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
Gas Discharge Tubes
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
Gas Discharge Tubes
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
GAS DISCHARGE TUBES
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
GAS DISCHARGE TUBES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com