Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTCX36-750M-R05 Datasheet(PDF) 6 Page - Tyco Electronics

Part # GTCX36-750M-R05
Description  Gas Discharge Tubes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCX36-750M-R05 Datasheet(HTML) 6 Page - Tyco Electronics

  GTCX36-750M-R05 Datasheet HTML 1Page - Tyco Electronics GTCX36-750M-R05 Datasheet HTML 2Page - Tyco Electronics GTCX36-750M-R05 Datasheet HTML 3Page - Tyco Electronics GTCX36-750M-R05 Datasheet HTML 4Page - Tyco Electronics GTCX36-750M-R05 Datasheet HTML 5Page - Tyco Electronics GTCX36-750M-R05 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GTCX35-XXX-R05 Series
Gas Discharge Tubes
Gas Discharge Tubes
Document: SCD 27698
Status: Released
© 2009 Tyco Electronics Corporation. All rights reserved.
6
Rev: A
Date: JULY 23, 2009
GTCX36-XXXM-R05 Series
Part Numbering System
Part Marking Reference
308 Constitution Drive, MS R21/2A
Tel (800) 227-7040
www.circuitprotection.com
Menlo Park, CA USA 94025-1164
(650) 361-6900
www.circuitprotection.com.hk (Chinese)
Fax (650) 361-2508
www.circuitprotection.jp (Japanese)
Raychem, TE Logo and Tyco Electronics are trademarks.
Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product
selected for their own applications. Tyco Electronics reserves the right to change or update, without notice, any information contained in this publication;
to change, without notice, the design, construction, processing, or specification of any product; and to discontinue or limit production or distribution of
any product. This publication supersedes and replaces all information previously supplied. Without expressed or written consent by an officer of Tyco
Electronics, Tyco Electronics does not authorize the use of any of its products as components in nuclear facility applications, aerospace, or in critical life
support devices or systems. Tyco Electronics expressly disclaims all implied warranties regarding the information contained herein, including, but not
limited to, any implied warranties of merchantability or fitness for a particular purpose. Tyco Electronics’ only obligations are those in the Tyco
Electronics Standard Terms and Conditions of Sale and in no case will Tyco Electronics be liable for any incidental, indirect, or consequential damages
arising from the sale, resale, use, or misuse of its products.
Example Part Number: GTCX36-351M-R05-FT
GT =
Gas Tube
C =
Ceramic
X =
Lead Configuration: N= No leads; A= Axial Leads; S= Surface-mount; R= Radial Leads
3 =
3 Electrode device
6 =
6mm Diameter
351 =
DC Spark Over Voltage of 350V (at 100V/s)
M =
Tolerance of 20% on DC Spark Over Voltage
R =
Product Family Designator
05 =
Surge rating: 8x20µs 5kA 10 times
FT =
With Fail-Short mechanism
Example Part Marking:
35 R05 GN
=
Manufacture Mark
35 =
Voltage Designator (35 = 350V)
R05 =
Product Family Designator + Surge Current 5kA (8x20µs 10 hits)
GN =
Year and Week of Manufacture



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com