Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9532 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9532
Description  16-bit I2C-bus LED dimmer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9532 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9532 Datasheet HTML 1Page - NXP Semiconductors PCA9532 Datasheet HTML 2Page - NXP Semiconductors PCA9532 Datasheet HTML 3Page - NXP Semiconductors PCA9532 Datasheet HTML 4Page - NXP Semiconductors PCA9532 Datasheet HTML 5Page - NXP Semiconductors PCA9532 Datasheet HTML 6Page - NXP Semiconductors PCA9532 Datasheet HTML 7Page - NXP Semiconductors PCA9532 Datasheet HTML 8Page - NXP Semiconductors PCA9532 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1.
General description
The PCA9532 is a 16-bit I2C-bus and SMBus I/O expander optimized for dimming LEDs in
256 discrete steps for Red/Green/Blue (RGB) color mixing and back light applications.
The PCA9532 contains an internal oscillator with two user programmable blink rates and
duty cycles coupled to the output PWM. The LED brightness is controlled by setting the
blink rate high enough (> 100 Hz) that the blinking cannot be seen and then using the duty
cycle to vary the amount of time the LED is on and thus the average current through the
LED.
The initial setup sequence programs the two blink rates/duty cycles for each individual
PWM. From then on, only one command from the bus master is required to turn individual
LEDs ON, OFF, BLINK RATE 1 or BLINK RATE 2. Based on the programmed frequency
and duty cycle, BLINK RATE 1 and BLINK RATE 2 will cause the LEDs to appear at a
different brightness or blink at periods up to 1.69 second. The open-drain outputs directly
drive the LEDs with maximum output sink current of 25 mA per bit and 200 mA per
package (100 mA per octal).
To blink LEDs at periods greater than 1.69 second the bus master (MCU, MPU, DSP,
chip set, etc.) must send repeated commands to turn the LED on and off as is currently
done when using normal I/O expanders like the NXP Semiconductors PCF8575 or
PCA9555. Any bits not used for controlling the LEDs can be used for General Purpose
parallel Input/Output (GPIO) expansion, which provides a simple solution when additional
I/O is needed for ACPI power switches, sensors, push-buttons, alarm monitoring, fans,
etc.
The active LOW hardware reset pin (RESET) and Power-On Reset (POR) initializes the
registers to their default state, all zeroes, causing the bits to be set HIGH (LED off).
Three hardware address pins on the PCA9532 allow eight devices to operate on the same
bus.
2.
Features
I 16 LED drivers (on, off, flashing at a programmable rate)
I Two selectable, fully programmable blink rates (frequency and duty cycle) between
0.591 Hz and 152 Hz (1.69 second and 6.58 milliseconds)
I 256 brightness steps
I Input/outputs not used as LED drivers can be used as regular GPIOs
I Internal oscillator requires no external components
I I2C-bus interface logic compatible with SMBus
I Internal power-on reset
PCA9532
16-bit I2C-bus LED dimmer
Rev. 04 — 17 March 2009
Product data sheet


Similar Part No. - PCA9532

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9532 PHILIPS-PCA9532 Datasheet
154Kb / 20P
16-bit I2C LED dimmer
Rev. 04-17 March 2009
PCA9532 NXP-PCA9532 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9532BS PHILIPS-PCA9532BS Datasheet
154Kb / 20P
16-bit I2C LED dimmer
Rev. 04-17 March 2009
PCA9532D PHILIPS-PCA9532D Datasheet
154Kb / 20P
16-bit I2C LED dimmer
Rev. 04-17 March 2009
PCA9532PW PHILIPS-PCA9532PW Datasheet
154Kb / 20P
16-bit I2C LED dimmer
Rev. 04-17 March 2009
More results

Similar Description - PCA9532

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9531 PHILIPS-PCA9531 Datasheet
154Kb / 20P
8-bit I2C LED dimmer
2003 Nov 10
PCA9533 PHILIPS-PCA9533 Datasheet
133Kb / 18P
4-bit I2C LED dimmer
2004 Oct 01
PCA9532 PHILIPS-PCA9532 Datasheet
154Kb / 20P
16-bit I2C LED dimmer
Rev. 04-17 March 2009
PCA9530 PHILIPS-PCA9530 Datasheet
123Kb / 16P
2-bit I2C LED dimmer
2002 Dec 12
logo
ON Semiconductor
CAT9532WI ONSEMI-CAT9532WI Datasheet
203Kb / 17P
16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. D
logo
NXP Semiconductors
PCA9530 NXP-PCA9530 Datasheet
152Kb / 24P
2-bit I2C-bus LED dimmer
Rev. 03-26 February 2009
PCA9531 NXP-PCA9531 Datasheet
164Kb / 27P
8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
PCA9533 NXP-PCA9533 Datasheet
148Kb / 24P
4-bit I2C-bus LED dimmer
Rev. 03-27 April 2009
logo
ON Semiconductor
CAT9532 ONSEMI-CAT9532 Datasheet
791Kb / 18P
16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
logo
NXP Semiconductors
PCA9531BS-T NXP-PCA9531BS-T Datasheet
164Kb / 27P
8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com