Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9532 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9532
Description  16-bit I2C-bus LED dimmer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9532 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9532 Datasheet HTML 10Page - NXP Semiconductors PCA9532 Datasheet HTML 11Page - NXP Semiconductors PCA9532 Datasheet HTML 12Page - NXP Semiconductors PCA9532 Datasheet HTML 13Page - NXP Semiconductors PCA9532 Datasheet HTML 14Page - NXP Semiconductors PCA9532 Datasheet HTML 15Page - NXP Semiconductors PCA9532 Datasheet HTML 16Page - NXP Semiconductors PCA9532 Datasheet HTML 17Page - NXP Semiconductors PCA9532 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
PCA9532_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 17 March 2009
14 of 29
NXP Semiconductors
PCA9532
16-bit I2C-bus LED dimmer
8.2 Programming example
The following example will show how to set LED0 to LED3 on. It will then set LED4 and
LED5 to blink at 1 Hz at a 50 % duty cycle. LED6 and LED7 will be set to be dimmed at
25 % of their maximum brightness (duty cycle = 25 %). LED8 to LED15 will be set to off.
Fig 15. High value resistor in parallel with
the LED
Fig 16. Device supplied by a lower voltage
002aac189
LED
VDD
LEDn
100 k
Ω
VDD
002aac190
LED
VDD
LEDn
3.3 V
5 V
Table 11.
Programming PCA9532
Program sequence
I2C-bus
START
S
PCA9532 address with A0 to A2 = LOW
C0h
PSC0 subaddress + Auto-Increment
12h
Set prescaler PSC0 to achieve a period of 1 second:
PSC0 = 151
97h
Set PWM0 duty cycle to 50 %:
PWM0 = 128
80h
Set prescaler PCS1 to dim at maximum frequency:
PSC1 = 0
00h
Set PWM1 output duty cycle to 25 %:
PWM1 = 64
40h
Set LED0 to LED3 on
55h
Set LED4 and LED5 to PWM0, and LED6 or LED7 to PWM1
FAh
Set LED8 to LED11 off
00h
Set LED12 to LED15 off
00h
STOP
P
Blink period
1
PSC0
1
+
152
------------------------
==
PWM 0
256
-----------------
0.5
=
Blink period
max
=
PWM 1
256
-----------------
0.25
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com