Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9626B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9626B
Description  24-bit Fm I2C-bus 100 mA 40 V LED driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9626B Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9626B Datasheet HTML 1Page - NXP Semiconductors PCA9626B Datasheet HTML 2Page - NXP Semiconductors PCA9626B Datasheet HTML 3Page - NXP Semiconductors PCA9626B Datasheet HTML 4Page - NXP Semiconductors PCA9626B Datasheet HTML 5Page - NXP Semiconductors PCA9626B Datasheet HTML 6Page - NXP Semiconductors PCA9626B Datasheet HTML 7Page - NXP Semiconductors PCA9626B Datasheet HTML 8Page - NXP Semiconductors PCA9626B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
PCA9626_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 31 August 2009
2 of 47
NXP Semiconductors
PCA9626
24-bit Fm+ I2C-bus 100 mA 40 V LED driver
2.
Features
I 24 LED drivers. Each output programmable at:
N Off
N On
N Programmable LED brightness
N Programmable group dimming/blinking mixed with individual LED brightness
I 1 MHz Fast-mode Plus compatible I2C-bus interface with 30 mA high drive capability
on SDA output for driving high capacitive buses
I 256-step (8-bit) linear programmable brightness per LED output varying from fully off
(default) to maximum brightness using a 97 kHz PWM signal
I 256-step group brightness control allows general dimming (using a 190 Hz PWM
signal) from fully off to maximum brightness (default)
I 256-step group blinking with frequency programmable from 24 Hz to 10.73 s and
duty cycle from 0 % to 99.6 %
I 24 open-drain outputs can sink between 0 mA to 100 mA and are tolerant to a
maximum off state voltage of 40 V. No input function.
I Output state change programmable on the Acknowledge or the STOP Command to
update outputs byte-by-byte or all at the same time (default to ‘Change on STOP’).
I Active LOW Output Enable (OE) input pin allows for hardware blinking and dimming of
the LEDs
I 7 hardware address pins allow 126 PCA9626 devices to be connected to the same
I2C-bus and to be individually programmed
I 4 software programmable I2C-bus addresses (one LED Group Call address and three
LED Sub Call addresses) allow groups of devices to be addressed at the same time in
any combination (for example, one register used for ‘All Call’ so that all the PCA9626s
on the I2C-bus can be addressed at the same time and the second register used for
three different addresses so that 1
⁄
3 of all devices on the bus can be addressed at the
same time in a group). Software enable and disable for I2C-bus address.
I A Chase Byte allows execution of predefined ON/OFF pattern for the 24 LED outputs
I Software Reset feature (SWRST Call) allows the device to be reset through the
I2C-bus
I 25 MHz internal oscillator requires no external components
I Internal power-on reset
I Noise filter on SDA/SCL inputs
I No glitch on power-up
I Supports hot insertion
I Low standby current
I Operating power supply voltage (VDD) range of 2.3 V to 5.5 V
I 5.5 V tolerant inputs on non-LED pins
I −40 °C to +85 °C operation
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115 and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: LQFP48, HVQFN48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com