Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9626B Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9626B
Description  24-bit Fm I2C-bus 100 mA 40 V LED driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9626B Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9626B Datasheet HTML 17Page - NXP Semiconductors PCA9626B Datasheet HTML 18Page - NXP Semiconductors PCA9626B Datasheet HTML 19Page - NXP Semiconductors PCA9626B Datasheet HTML 20Page - NXP Semiconductors PCA9626B Datasheet HTML 21Page - NXP Semiconductors PCA9626B Datasheet HTML 22Page - NXP Semiconductors PCA9626B Datasheet HTML 23Page - NXP Semiconductors PCA9626B Datasheet HTML 24Page - NXP Semiconductors PCA9626B Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
When the PCA9626 exits from the CHASE mode, the previous states of the LED outputs will be retained.
142
8E
XXXXXXXXXXXXXXXXXXXXXXX
143
8F
XXXXXXXXXXXXXXXXXXXXXXXX
Right to Left_WIPE_END
144
90
All LED outputs disabled for
CHASE byte = 90h to FFh.
Reserved for future use.
CHASE byte = FFh is used
to exit the CHASE mode.[1]
Table 11.
CHASE sequence …continued
X = enabled; empty cell = disabled.
Command Hex LED channel
Description
00
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
19
20
21
22
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com