Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF2113X
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113X Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF2113X Datasheet HTML 1Page - NXP Semiconductors PCF2113X Datasheet HTML 2Page - NXP Semiconductors PCF2113X Datasheet HTML 3Page - NXP Semiconductors PCF2113X Datasheet HTML 4Page - NXP Semiconductors PCF2113X Datasheet HTML 5Page - NXP Semiconductors PCF2113X Datasheet HTML 6Page - NXP Semiconductors PCF2113X Datasheet HTML 7Page - NXP Semiconductors PCF2113X Datasheet HTML 8Page - NXP Semiconductors PCF2113X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
2 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
I Multiplex rates (MUX) 1:18 (for normal operation), 1:9 (for single-line operation) and
1:2 (for Icon-only mode)
I Uses common 11 code instruction set (extended)
I Logic supply voltage range VDD1 − VSS1 = 1.8 V to 5.5 V (chip may be driven with two
battery cells)
I VLCD generator supply voltage range VDD2 − VSS2 = 2.2 V to 4.0 V
I Display supply voltage range VLCD − VSS2 = 2.2 V to 6.5 V
I Direct mode to save current consumption for Icon mode and MUX 1:9 (depending on
VDD2 and LCD liquid properties)
I CMOS compatible
I Remark: Icon mode is a way to save current. When only icons are displayed (i.e. only
the lower two rows are active), a much lower operating voltage VLCD can be used and
the switching frequency of the LCD outputs is reduced. In most applications it is
possible to use VDD as VLCD.
3.
Applications
I Telecom equipment
I Point-of-sale terminals
I Portable instruments
4.
Ordering information
5.
Marking
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF2113AU/10/F4 -
chip on flexible film carrier
-
PCF2113DU/F4
-
chip in tray
-
PCF2113DH/4
LQFP100
plastic low profile quad flat package; 100 leads;
body 14
× 14 × 1.4 mm
SOT407-1
PCF2113DU/2/F4
-
chip with bumps in tray
-
PCF2113EU/2/F4
-
chip with bumps in tray
-
PCF2113WU/2/F4
-
chip with bumps in tray
-
Table 2.
Marking codes
Type number
Marking code
PCF2113DH/4
PCF2113DH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com