Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113X Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF2113X
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113X Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF2113X Datasheet HTML 9Page - NXP Semiconductors PCF2113X Datasheet HTML 10Page - NXP Semiconductors PCF2113X Datasheet HTML 11Page - NXP Semiconductors PCF2113X Datasheet HTML 12Page - NXP Semiconductors PCF2113X Datasheet HTML 13Page - NXP Semiconductors PCF2113X Datasheet HTML 14Page - NXP Semiconductors PCF2113X Datasheet HTML 15Page - NXP Semiconductors PCF2113X Datasheet HTML 16Page - NXP Semiconductors PCF2113X Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
13 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
8.10 Character generator ROM
The Character Generator ROM (CGROM) generates 240 character patterns in a 5
× 8 dot
format from 8-bit character codes. Figure 7, Figure 8, Figure 9 and Figure 10 show the
character sets that are currently implemented.
Fig 6.
DDRAM to display mapping: left shift
Table 7.
Address space and wrap-around operation
Mode
1
× 24
2
× 12
1
× 12
Address space
00h to 4Fh
00h to 27h; 40h to 67h
00h to 27h
Read/write wrap-around
(moves to next line)
4Fh to 00h
27h to 40h; 67h to 00h
27h to 00h
Display shift wrap-around
(stays within line)
4Fh to 00h
27h to 00h; 67h to 40h
27h to 00h
01
04 05
41 42 43 44 45
0A 0B 0C
4A 4B 4C
DDRAM
address
line 1
line 2
2-line display
1
2
3
4
5
22 23 24
1
2
3
4
5
10 11 12
1
2
3
4
5
10 11 12
01
04 05
02 03
02 03
16 17 18
display
position
DDRAM
address
1-line display
mge993



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com