Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 32Page - NXP Semiconductors PCF8531 Datasheet HTML 33Page - NXP Semiconductors PCF8531 Datasheet HTML 34Page - NXP Semiconductors PCF8531 Datasheet HTML 35Page - NXP Semiconductors PCF8531 Datasheet HTML 36Page - NXP Semiconductors PCF8531 Datasheet HTML 37Page - NXP Semiconductors PCF8531 Datasheet HTML 38Page - NXP Semiconductors PCF8531 Datasheet HTML 39Page - NXP Semiconductors PCF8531 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
PCF8531_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 13 June 2008
36 of 44
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
15.2 Chip-on-glass application
The required minimum values for the external capacitors in a chip-on-glass application
are:
• Cext = 100 nF between VLCD and VSS1, VSS2;Cext = 470 nF between VDD1,VDD2,VDD3
and VSS1, VSS2.
• Higher capacitor values are recommended for ripple reduction.
• For COG applications, the recommended ITO track resistance must be minimized for
the I/O and supply connections. Optimized values for these tracks are below 50
Ω for
the supply (Rsupply) and below 100 Ω for the I/O connections (RI/O).
• To reduce the sensitivity of the reset to ESD/EMC disturbances for a COG application,
NXP strongly recommended implementing a series input resistance in the reset line
(recommended minimum value 8 k
Ω) on the glass (ITO). If the reset input is not used,
this input must be connected to VDD1 using a short connection.
Fig 29. Chip-on-glass application
mgs484
3
DISPLAY 34
× 128 PIXELS
VDD1
to
VDD3
I/O
VSS1
VSS2
Cext
Rsupply
RI/O
VLCD
PCF8531
128
17
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com