Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8531 Datasheet HTML 1Page - NXP Semiconductors PCF8531 Datasheet HTML 2Page - NXP Semiconductors PCF8531 Datasheet HTML 3Page - NXP Semiconductors PCF8531 Datasheet HTML 4Page - NXP Semiconductors PCF8531 Datasheet HTML 5Page - NXP Semiconductors PCF8531 Datasheet HTML 6Page - NXP Semiconductors PCF8531 Datasheet HTML 7Page - NXP Semiconductors PCF8531 Datasheet HTML 8Page - NXP Semiconductors PCF8531 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
PCF8531_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 13 June 2008
5 of 44
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
[1]
Fab 1 identification starts with nnnnnn, where n represents a number between 0 and 9.
[2]
Fab 2 identification starts with AXnnnn, where X represents a letter and n represents a number between 0
and 9.
6.2 Pin description
Fig 4.
Chip dimensions
Table 4.
Bonding pad dimensions
Pad
Size
Unit
Pad pitch
70
µm
Bump dimensions
50
× 90 × 17.5 (±3)
µm
Wafer thickness (excluding bumps)
381
µm
Die size L
× W
Fab 1[1]
12.23
× 1.96
mm
Fab 2[2]
12.14
× 1.86
mm
001aag908
X
Y
L
pitch
W
PCF8531
Table 5.
Bonding pad description
All x/y coordinates represent the position of the center of each pad with respect to the center
(x/y = 0) of the chip (see Figure 2).
Symbol
Pad
X (
µm)
Y (
µm)
Description
-
1
5973.6
−821.7
dummy
-
2
5969.5
823.4
-
3
5899.5
823.4
-
4
5829.5
823.4
-
5
5479.5
823.4
-
6
5409.5
823.4
-
7
5059.5
823.4
-
8
4989.5
823.4
-
9
4639.5
823.4
-
10
4569.5
823.4
-
11
4219.5
823.4
-
12
4149.5
823.4
-
13
3799.5
823.4
-
14
3729.5
823.4
OSC
15
3449.5
823.4
oscillator input
[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com