Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563P Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF8563P
Description  Real-time clock/calendar
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563P Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF8563P Datasheet HTML 1Page - NXP Semiconductors PCF8563P Datasheet HTML 2Page - NXP Semiconductors PCF8563P Datasheet HTML 3Page - NXP Semiconductors PCF8563P Datasheet HTML 4Page - NXP Semiconductors PCF8563P Datasheet HTML 5Page - NXP Semiconductors PCF8563P Datasheet HTML 6Page - NXP Semiconductors PCF8563P Datasheet HTML 7Page - NXP Semiconductors PCF8563P Datasheet HTML 8Page - NXP Semiconductors PCF8563P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
PCF8563_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 21 February 2008
4 of 32
NXP Semiconductors
PCF8563
Real-time clock/calendar
6.2 Pin description
7.
Functional description
The PCF8563 contains sixteen 8-bit registers with an auto-incrementing address register,
an on-chip 32.768 kHz oscillator with one integrated capacitor, a frequency divider which
provides the source clock for the Real-Time Clock/calender (RTC), a programmable clock
output, a timer, an alarm, a voltage-low detector and a 400 kHz I2C-bus interface.
All 16 registers are designed as addressable 8-bit parallel registers although not all bits
are implemented. The first two registers (memory address 00h and 01h) are used as
control and/or status registers. The memory addresses 02h through 08h are used as
counters for the clock function (seconds up to years counters). Address locations 09h
through 0Ch contain alarm registers which define the conditions for an alarm.
Address 0Dh controls the CLKOUT output frequency. 0Eh and 0Fh are the timer control
and timer registers, respectively.
The seconds, minutes, hours, days, weekdays, months, years as well as the minute alarm,
hour alarm, day alarm and weekday alarm registers are all coded in Binary Coded
Decimal (BCD) format.
When one of the RTC registers is read the contents of all counters are frozen. Therefore,
faulty reading of the clock/calendar during a carry condition is prevented.
7.1 Alarm function modes
By clearing the MSB of one or more of the alarm registers (bit AE = Alarm Enable), the
corresponding alarm condition(s) will be active. In this way an alarm can be generated
from once per minute up to once per week. The alarm condition sets the Alarm Flag (AF).
The asserted AF can be used to generate an interrupt (on pin INT). The AF can only be
cleared by software.
Table 2.
Pin description
Symbol
Pin
Description
DIP8, SO8, TSSOP8
HVSON10
OSCI
1
1
oscillator input
OSCO
2
2
oscillator output
n.c.
-
3
not connected
INT
3
4
interrupt output (open-drain; active LOW)
VSS
4
5
ground
SDA
5
6
serial data input and output
SCL
6
7
serial clock input
CLKOUT
7
8
clock output, open-drain
VDD
8
9
positive supply voltage
n.c.
-
10
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com