Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563P Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8563P
Description  Real-time clock/calendar
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563P Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8563P Datasheet HTML 1Page - NXP Semiconductors PCF8563P Datasheet HTML 2Page - NXP Semiconductors PCF8563P Datasheet HTML 3Page - NXP Semiconductors PCF8563P Datasheet HTML 4Page - NXP Semiconductors PCF8563P Datasheet HTML 5Page - NXP Semiconductors PCF8563P Datasheet HTML 6Page - NXP Semiconductors PCF8563P Datasheet HTML 7Page - NXP Semiconductors PCF8563P Datasheet HTML 8Page - NXP Semiconductors PCF8563P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1.
General description
The PCF8563 is a CMOS real-time clock/calendar optimized for low power consumption.
A programmable clock output, interrupt output and voltage-low detector are also provided.
All addresses and data are transferred serially via a two-line bidirectional I2C-bus.
Maximum bus speed is 400 kbit/s. The built-in word address register is incremented
automatically after each written or read data byte.
2.
Features
I Provides year, month, day, weekday, hours, minutes and seconds based on
32.768 kHz quartz crystal
I Century flag
I Clock operating voltage: 1.8 V to 5.5 V
I Low backup current; typical 0.25 µA at VDD = 3.0 V and Tamb =25 °C
I 400 kHz two-wire I2C-bus interface (at VDD = 1.8 V to 5.5 V)
I Programmable clock output for peripheral devices (32.768 kHz, 1024 Hz, 32 Hz and
1 Hz)
I Alarm and timer functions
I Integrated oscillator capacitor
I Internal power-on reset
I I2C-bus slave address: read A3h and write A2h
I Open-drain interrupt pin
I ElectroStatic Discharge (ESD) protection exceeds 2000 V Human Body Model (HBM)
per JESD22-A114, 200 V Machine Model (MM) per JESD22-A115 and 2000 V
Charged Device Model (CDM) per JESD22-C101
I Latch-up testing is done to JEDEC standard JESD78 which exceeds 100 mA
3.
Applications
I Mobile telephones
I Portable instruments
I Electronic metering
I Battery powered products
PCF8563
Real-time clock/calendar
Rev. 06 — 21 February 2008
Product data sheet


Similar Part No. - PCF8563P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8563P PHILIPS-PCF8563P Datasheet
692Kb / 30P
Real-time clock/calendar
16 April 1999
PCF8563P-F4 NXP-PCF8563P-F4 Datasheet
466Kb / 45P
Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563P/F4 NXP-PCF8563P/F4 Datasheet
492Kb / 50P
Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563PF4 NXP-PCF8563PF4 Datasheet
492Kb / 50P
Real-time clock/calendar
Rev. 10-3 April 2012
More results

Similar Description - PCF8563P

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM58321 OKI-MSM58321 Datasheet
121Kb / 16P
REAL TIME CLOCK/CALENDAR
logo
NXP Semiconductors
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
Real-time clock/calendar
16 April 1999
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
Real Time Clock/Calendar
logo
NXP Semiconductors
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCA8565 NXP-PCA8565 Datasheet
813Kb / 39P
Real time clock/calendar
Rev. 02-16 June 2009
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
SPI Real time clock/calendar
Rev. 02-4 December 2009
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
Real-time clock/calendar
Rev. 9-16 June 2011
logo
Tiger Electronic Co.,Lt...
PCF8563 TGS-PCF8563 Datasheet
2Mb / 23P
Real-time Clock/Calendar
logo
NXP Semiconductors
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563TS-T NXP-PCF8563TS-T Datasheet
492Kb / 50P
Real-time clock/calendar
Rev. 10-3 April 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com