Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564A Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8564A
Description  Real time clock and calendar
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564A Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8564A Datasheet HTML 29Page - NXP Semiconductors PCF8564A Datasheet HTML 30Page - NXP Semiconductors PCF8564A Datasheet HTML 31Page - NXP Semiconductors PCF8564A Datasheet HTML 32Page - NXP Semiconductors PCF8564A Datasheet HTML 33Page - NXP Semiconductors PCF8564A Datasheet HTML 34Page - NXP Semiconductors PCF8564A Datasheet HTML 35Page - NXP Semiconductors PCF8564A Datasheet HTML 36Page - NXP Semiconductors PCF8564A Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
PCF8564A_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 8 October 2009
33 of 44
NXP Semiconductors
PCF8564A
Real time clock and calendar
Fig 28. Bare die outline of PCF8564ACX9
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCF8564ACX9
pcf8564acx9_po
09-08-25
09-09-09
Unit
mm
max
nom
min
0.29
0.09
0.2
1.27
1.9
0.73
0.27
A
Dimensions
Note
1. Chip dimensions including sawline.
2. Marking code: PC8564A-1
WLCSP9: wafer level chip-size package; 9 bumps; 1.27 x 1.9 x 0.29 mm
PCF8564ACX9
A1
A2
0.2
bD(1)
E(1)
ee1
0.45
e2
0
0.5
1 mm
scale
X
e2
e1
e
b
D
E
(2)
detail X
A1
A2
A
y
0,0
x
Table 32.
Solder bump description for all PCF8564ACX types
All x/y coordinates represent the position of the center of each bump with respect to the center
(x/y = 0) of the chip; see Figure 28.
Symbol
Bump
X (
µm)
Y (
µm)
Description
OSCI
1
−368
738
oscillator input
OSCO
2
−368
188
oscillator output
INT
3
−368
−262
open-drain interrupt output (active LOW)
VSS
4
−368
−712
ground (substrate)
SDA
5
362
−712
serial data I/O
SCL
6
362
−262
serial clock input
CLKOUT
7
362
188
CMOS push-pull clock output
VDD
8
0
456
supply
CLKOE
9
362
738
CLKOUT output enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com