Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564A Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF8564A
Description  Real time clock and calendar
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564A Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF8564A Datasheet HTML 33Page - NXP Semiconductors PCF8564A Datasheet HTML 34Page - NXP Semiconductors PCF8564A Datasheet HTML 35Page - NXP Semiconductors PCF8564A Datasheet HTML 36Page - NXP Semiconductors PCF8564A Datasheet HTML 37Page - NXP Semiconductors PCF8564A Datasheet HTML 38Page - NXP Semiconductors PCF8564A Datasheet HTML 39Page - NXP Semiconductors PCF8564A Datasheet HTML 40Page - NXP Semiconductors PCF8564A Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
PCF8564A_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 8 October 2009
37 of 44
NXP Semiconductors
PCF8564A
Real time clock and calendar
18.2 Tape and reel information
[1]
Die is placed in pocket bump side down.
19. Soldering of WLCSP packages
19.1 Introduction to soldering WLCSP packages
This text provides a very brief insight into a complex technology. A more in-depth account
of soldering WLCSP (Wafer Level Chip-Size Packages) can be found in application note
AN10439 “Wafer Level Chip Scale Package” and in application note AN10365 “Surface
mount reflow soldering description”.
Wave soldering is not suitable for this package.
Fig 32. Tape and reel details for PCF8564ACX9/B/1
Table 34.
Tape and reel dimensions [1]
Dimension
Description
Value
W
tape width
8 mm
A0
pocket length
1.5 mm
B0
pocket width
2.2 mm
K0
pocket depth
0.25 mm
P1
pocket pitch
4 mm
Transparent top view. The orientation of the IC in a pocket is indicated by the position of pin 1, with
respect to the sprocket holes.
Fig 33. Pin 1 indication for PCF8564ACX9/B/1
4 mm
K0
A0
P1
B0
direction of feed
013aaa202
W
013aaa191
pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com