Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD100 Datasheet(PDF) 4 Page - Tyco Electronics

Part # ASMD100
Description  PolySwitch??Resettable Device Short Form Catalog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD100 Datasheet(HTML) 4 Page - Tyco Electronics

  ASMD100 Datasheet HTML 1Page - Tyco Electronics ASMD100 Datasheet HTML 2Page - Tyco Electronics ASMD100 Datasheet HTML 3Page - Tyco Electronics ASMD100 Datasheet HTML 4Page - Tyco Electronics ASMD100 Datasheet HTML 5Page - Tyco Electronics ASMD100 Datasheet HTML 6Page - Tyco Electronics ASMD100 Datasheet HTML 7Page - Tyco Electronics ASMD100 Datasheet HTML 8Page - Tyco Electronics ASMD100 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DEVICES FOR AUTOMOTIVE APPLICA TIONS
1
Dimensions (millimeters/
inches)
Part
IH* (A)
IH* (A)
V max.
I max.
R min.
R1max.
Ramax.
A
B
C
number
R1max.
Ramax. IT (A)
(Vdc)
(A)
(
Ω)(Ω)(Ω)
(max.)
(max.)
(typ.)
Fig.
AGRF400
4.0
3.0
7.6
16
100
0.0186
0.0610
0.0850
8.90
(0.35)
14.1
(0.56)
5.08
(0.20)
1
AGRF500
5.0
4.3
9.4
16
100
0.0140
0.0340
0.0480
10.40
(0.41)
15.6
(0.61)
5.08
(0.20)
1
AGRF600
6.0
5.3
10.7
16
100
0.0095
0.0280
0.0320
10.70
(0.42)
18.4
(0.73)
5.08
(0.20)
1
AGRF700
7.0
6.5
13.2
16
100
0.0066
0.0200
0.0220
11.20
(0.44)
21.0
(0.83)
5.08
(0.20)
1
AGRF800
8.0
7.6
15.0
16
100
0.0049
0.0175
0.0181
12.70
(0.50)
22.2
(0.88)
5.08
(0.20)
1
AGRF900
9.0
8.6
16.5
16
100
0.0041
0.0135
0.0140
14.00
(0.55)
23.0
(0.91)
5.08
(0.20)
1
AGRF1000
10.0
9.6
18.5
16
100
0.0034
0.0102
0.0106
16.51
(0.65)
25.7
(1.01)
5.08
(0.20)
1
AGRF1100
11.0
10.5
20.3
16
100
0.0033
0.0089
0.0093
17.50
(0.69)
26.5
(1.04)
5.08
(0.20)
1
AGRF1200
12.0
11.5
22.1
16
100
0.0030
0.0086
0.0091
17.50
(0.69)
28.8
(1.14)
10.90
(0.43)
1
AGRF1400
14.0
13.0
27.3
16
100
0.0022
0.0064
0.0067
23.50
(0.93)
28.7
(1.13)
10.90
(0.43)
1
* Hold current @ 25°C.
The AGRF, AHRF, AHS and ASMD series devices are
qualified to operate in automotive environments per
the AEC-Q200 Stress Test Qualification for Passive
Electronics in automotive applications. This specifi-
cation requires devices to pass a rigorous test plan
designed for automotive environments. Raychem
Circuit Protection’s document is PS400.
AHRF: High Temp Radial-leaded
ELV Compliant, RoHS Compliant
AGRF: Radial-leaded
ELV Compliant, RoHS Compliant
Dimensions (millimeters/
inches)
Part
IH* (A)
IH* (A)
V max.
I max.
R min.
R1max.
Ramax.
A
B
C
number
R1max.
Ramax. IT (A)
(Vdc)
(A)
(
Ω)(Ω)(Ω)
(max.)
(max.)
(typ.)
Fig.
AHRF450
4.5
4.5
8.7
16
100
0.0170
0.054
0.054
10.4
(0.41)
15.6
(0.61)
5.08
(0.20)
1
AHRF600
6.0
6.0
12.0
16
100
0.0100
0.032
0.032
11.2
(0.44)
21.0
(0.83)
5.08
(0.20)
1
AHRF650
6.5
6.5
13.7
16
100
0.0090
0.026
0.026
12.7
(0.50)
22.2
(0.88)
5.08
(0.20)
1
AHRF750
7.5
7.5
14.8
16
100
0.0074
0.022
0.022
14.0
(0.55)
23.5
(0.93)
5.08
(0.20)
1
AHRF900
9.0
9.0
18.5
16
100
0.0061
0.012
0.0170
16.5
(0.65)
25.7
(1.01)
5.08
(0.20)
1
AHRF1000
10.0
10.0
20.5
16
100
0.0051
0.015
0.015
17.5
(0.69)
26.5
(1.04)
10.90
(0.43)
1
AHRF1300
13.0
13.0
27.0
16
100
0.0034
0.010
0.010
23.5
(0.93)
28.7
(1.13)
10.90
(0.43)
1
AHRF1500
15.0
15.0
33.0
16
100
0.0027
0.0063
0.0092
23.5
(0.93)
28.7
(1.13)
10.90
(0.43)
1
* Hold current @ 25°C.
AHS: High Temp Surface-mount
ELV Compliant, RoHS Compliant
Dimensions (millimeters/
inches)
Part
IH (A)
IH (A)
V max.
I max.
R min.
R1max.
Ramax.
A
B
C
number
R1max.
Ramax. IT (A)
(Vdc)
(A)
(
Ω)(Ω)(Ω)
(max.)
(max.)
(typ.)
Fig.
AHS080-2018 0.80
0.80
2.00
16
70
0.130
0.550
0.550
5.44
(0.214)
1.52
(0.060)
4.93
(0.194)
2
AHS160
1.60
1.60
3.20
16
70
0.050
0.150
0.150
9.40
(0.370)
3.00
(0.118)
6.71
(0.264)
2
ASMD: Surface-mount
ELV Compliant
Dimensions (millimeters/
inches)
Part
IH (A)
IH (A)
V max.
I max.
R min.
R1max.
Ramax.
A
B
C
number
R1max.
Ramax. IT (A)
(Vdc)
(A)
(
Ω)(Ω)(Ω)
(max.)
(max.)
(max.)
Fig.
ASMD030
0.23
0.23
0.59
60
10
0.980
4.800
4.800
7.98
(0.314)
3.18
(0.125)
5.44
(0.214)
2
ASMD050
0.39
0.39
0.98
60
10
0.290
1.400
1.400
7.98
(0.314)
3.18
(0.125)
5.44
(0.214)
2
ASMD075
0.60
0.60
1.48
30
40
0.290
1.000
1.000
7.98
(0.314)
3.18
(0.125)
5.44
(0.214)
2
ASMD100
0.900
0.90
2.16
30
40
0.098
0.480
0.480
7.98
(0.314)
3.00
(0.118)
5.44
(0.214)
2
ASMD125
1.040
1.04
2.46
15
40
0.057
0.250
0.250
7.98
(0.314)
3.00
(0.118)
5.44
(0.214)
2
ASMD150
1.270
1.27
2.95
15
40
0.049
0.250
0.250
9.40
(0.370)
3.00
(0.118)
6.71
(0.264)
2
ASMD200
1.730
1.73
3.93
15
40
0.050
0.120
0.120
9.40
(0.370)
3.00
(0.118)
6.71
(0.264)
2
ASMD250
1.970
1.97
5.00
15
40
0.035
0.085
0.085
9.40
(0.370)
3.00
(0.118)
6.71
(0.264)
2
B
A
Side view
C
End view
C
End view
(AHS080 only)
Figure 1
Lead size
AGRF1200-1400, AHRF1300-1500
Ø 1.0
(0.04)
18 AWG
C
A
B
Figure 2
Lead size
AGRF400-1100, AHRF450-1000
Ø 0.81
(0.032)
20 AWG
New
New



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com