Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD100 Datasheet(PDF) 5 Page - Tyco Electronics

Part # ASMD100
Description  PolySwitch??Resettable Device Short Form Catalog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD100 Datasheet(HTML) 5 Page - Tyco Electronics

  ASMD100 Datasheet HTML 1Page - Tyco Electronics ASMD100 Datasheet HTML 2Page - Tyco Electronics ASMD100 Datasheet HTML 3Page - Tyco Electronics ASMD100 Datasheet HTML 4Page - Tyco Electronics ASMD100 Datasheet HTML 5Page - Tyco Electronics ASMD100 Datasheet HTML 6Page - Tyco Electronics ASMD100 Datasheet HTML 7Page - Tyco Electronics ASMD100 Datasheet HTML 8Page - Tyco Electronics ASMD100 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
240V
ELV Compliant, RoHS Compliant
RADIAL-LEADED DEVICES FOR ELECTRONICS APPLICA TIONS
22
Lead size
LVR005-016
Ø 0.51
(0.020)
24 AWG
Figure 1
B
CALIPER
A
CALIPER
C
center-to-center
B
CALIPER
A
CALIPER
C
center-to-center
Lead size
LVR025–040
Ø 0.64
(0.025)
22 AWG
LVR055
Ø 0.81
(0.032)
20 AWG
Figure 2
Figure 3
A
B
C
center-to-center
B
CALIPER
A
CALIPER
C
center-to-center
Figure 4
Dimensions (millimeters/
inches)
I max.
Part
IH
IT
V max.
135Vac/240Vac
R1max.
Agency
A
B
C
number
(A)
(A)
(Vac)
(A)
(
Ω)
recognition
(max.)
(max.)
(nom.)
Fig.
LVR005K
0.05
0.12
240
20/1.0
65.0
UL, TÜV, CSA
8.3
(0.33)
12.9
(0.51)
5.08
(0.20)
1
LVR005S
0.05
0.12
240
20/1.0
65.0
UL, TÜV, CSA
8.3
(0.33)
10.7
(0.43)
5.08
(0.20)
2
LVR008K
0.08
0.19
240
20/1.2
26.0
UL, TÜV, CSA
8.3
(0.33)
12.9
(0.51)
5.08
(0.20)
1
LVR008S
0.08
0.19
240
20/1.2
26.0
UL, TÜV, CSA
8.3
(0.33)
10.7
(0.43)
5.08
(0.20)
2
LVR012K
0.12
0.30
240
20/1.2
12.0
UL, TÜV, CSA
8.3
(0.33)
12.9
(0.51)
5.08
(0.20)
1
LVR012S
0.12
0.30
240
20/1.2
12.0
UL, TÜV, CSA
8.3
(0.33)
10.7
(0.43)
5.08
(0.20)
2
LVR016K
0.16
0.37
240
20/2.0
7.8
UL, TÜV, CSA
9.9
(0.39)
13.8
(0.54)
5.08
(0.20)
1
LVR016S
0.16
0.37
240
20/2.0
7.8
UL, TÜV, CSA
9.9
(0.39)
12.5
(0.50)
5.08
(0.20)
1
LVR025K
0.25
0.56
240
20/3.5
3.8
UL, TÜV, CSA
9.6
(0.38)
18.8
(0.74)
5.08
(0.20)
3
LVR025S
0.25
0.56
240
20/3.5
3.8
UL, TÜV, CSA
9.6
(0.38)
17.4
(0.69)
5.08
(0.20)
4
LVR033K
0.33
0.74
240
20/4.5
1.24
UL, TÜV, CSA
11.4
(0.45)
19.0
(0.75)
5.08
(0.20)
3
LVR033S
0.33
0.74
240
20/4.5
1.24
UL, TÜV, CSA
11.4
(0.45)
16.5
(0.65)
5.08
(0.20)
4
LVR040K
0.40
0.90
240
20/5.5
1.9
UL, TÜV, CSA
11.5
(0.46)
20.9
(0.82)
5.08
(0.20)
3
LVR040S
0.40
0.90
240
20/5.5
1.9
UL, TÜV, CSA
11.5
(0.46)
19.5
(0.77)
5.08
(0.20)
4
LVR055K
0.55
1.25
240
20/5.5
1.45
UL, TÜV, CSA
14.0
(0.55)
21.7
(0.85)
5.08
(0.20)
3
LVR055S
0.55
1.25
240
20/5.5
1.45
UL, TÜV, CSA
14.0
(0.55)
21.7
(0.85)
5.08
(0.20)
4
The LVR series is the first PolySwitch device family
designed for use at line voltages of 120VAC to
240VAC. They may be used to help provide primary
side protection of chargers, power supplies, and con-
trol transformers in many industrial, commercial and
consumer applications. They are also appropriate to
help protect many 120VAC or 240VAC motors. In
addition, the LVR series is RoHS compliant.
60V – 72V
ELV Compliant, RoHS Compliant
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.**
R1max.
Agency
A
B
C
number
(A)
(A)
(V)
(A)
(
Ω)
recognition
(max.)
(max.)
(nom.)
Fig.
RXEF005
0.05
0.10
60
40
20.00
UL, TÜV, CSA
8.0
(0.32)
8.3
(0.33)
5.08
(0.20)
5
RXEF010
0.10
0.20
60
40
7.50
UL, TÜV, CSA
7.4
(0.29)
11.6
(0.46)
5.08
(0.20)
6
RXEF017
0.17
0.34
60
40
8.00
UL, TÜV, CSA
7.4
(0.29)
12.7
(0.50)
5.08
(0.20)
6
RXEF020
0.20
0.40
72
40
4.40
UL, TÜV, CSA
7.4
(0.29)
11.7
(0.46)
5.08
(0.20)
6
RXEF025
0.25
0.50
72
40
3.00
UL, TÜV, CSA
7.4
(0.29)
12.7
(0.50)
5.08
(0.20)
6
RXEF030
0.30
0.60
72
40
2.10
UL, TÜV, CSA
7.4
(0.29)
12.7
(0.50)
5.08
(0.20)
6
RXEF040
0.40
0.80
72
40
1.29
UL, TÜV, CSA
7.6
(0.30)
13.5
(0.53)
5.08
(0.20)
6
RXEF050
0.50
1.00
72
40
1.17
UL, TÜV, CSA
7.9
(0.31)
13.7
(0.54)
5.08
(0.20)
6
RXEF065
0.65
1.30
72
40
0.72
UL, TÜV, CSA
9.4
(0.37)
14.5
(0.57)
5.08
(0.20)
6
RXEF075
0.75
1.50
72
40
0.60
UL, TÜV, CSA
10.2
(0.40)
15.2
(0.60)
5.08
(0.20)
6
RXEF090
0.90
1.80
72
40
0.47
UL, TÜV, CSA
11.2
(0.44)
15.8
(0.62)
5.08
(0.20)
6
RXEF110
1.10
2.20
72
40
0.38
UL, TÜV, CSA
12.8
(0.50)
17.5
(0.69)
5.08
(0.20)
7
RXEF135
1.35
2.70
72
40
0.30
UL, TÜV, CSA
14.5
(0.57)
19.1
(0.75)
5.08
(0.20)
7
RXEF160
1.60
3.20
72
40
0.22
UL, TÜV, CSA
16.3
(0.64)
20.8
(0.82)
5.08
(0.20)
7
RXEF185
1.85
3.70
72
40
0.19
UL, TÜV, CSA
17.5
(0.69)
22.4
(0.88)
5.08
(0.20)
7
RXEF250
2.50
5.00
72
40
0.13
UL, TÜV, CSA
20.8
(0.82)
25.4
(1.00)
10.90
(0.43)
7
RXEF300
3.00
6.00
72
40
0.10
UL, TÜV, CSA
23.9
(0.94)
28.6
(1.13)
10.90
(0.43)
7
RXEF375
3.75
7.50
72
40
0.08
UL, TÜV, CSA
27.2
(1.07)
31.8
(1.25)
10.90
(0.43)
7
** Device may withstand higher interrupt current at lower voltages. Each application will need to be individually evaluated.
The RXEF series devices offer hold currents ranging
from 50mA to 3.75A while offering voltage ratings of
60V to 72V. The RXEF products are used in a wide
range of applications such as power input, and I/O
port protection. They are also used in many markets
including computer/multimedia, industrial equipment
and controls, consumer, general electronics and com-
munications and networking.
Lead size
RXEF110-375
Ø 0.81
(0.032)
20 AWG
Figure 7
A
B
C
A
B
C
Lead size
RXEF005
Ø 0.40
(0.016)
26 AWG
Figure 5
Lead size
RXEF010–090
Ø 0.51
(0.020)
24 AWG
Figure 6
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com