Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

decaSMDC050F/60-2 Datasheet(PDF) 13 Page - Tyco Electronics

Part # decaSMDC050F/60-2
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

decaSMDC050F/60-2 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button decaSMDC050F/60-2 Datasheet HTML 9Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 10Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 11Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 12Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 13Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 14Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 15Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 16Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
199
RoHS Compliant, ELV Compliant
10
Terminal material
Tin-plated brass, Nickel under-plating
Soldering characteristics
EIC 60008-2-58
Test
Conditions
Passive aging
60°C, 1000 hours
85°C, 1000 hours
Humidity aging
85°C, 85% RH, 500 hours
Thermal shock
125°C, -55°C (10 times)
Solvent resistance
MIL-STD-202, Method 215F
Note: Storage conditions: 40°C max., 70% RH max., devices should remain in original sealed bag prior to use. Devices may not meet specified values if these storage conditions are exceeded.
TS250/TSV250/TSL250*
Physical Characteristics
Environmental Specifications
* 250VAC interrupt products are designed to help equipment pass ITU K.20, K.21, & K.45 recommendations and Telcordia GR-1089 Port Type 2 & 4 requirements.
† 600VAC interrupt products are designed to help equipment pass UL60950, TIA-968-A and GR1089 Port Type 1, 3 & 5 requirements.
‡ Excluding TRF600-150 and TRF600-400, which have a coating that is not rated for dielectric withstand and can withstand 500h at 85°C/85% RH or 1000h at 60°C/90% RH.
Lead material
Tin-plated copper, 22AWG
Insulating material
Cured epoxy polymer‡
Flammability
per IEC 695-2-2 Needle flame test for 20s
Soldering characteristics
ANSI/J-STD-002, Category 3
Solder heat withstand
IEC-STD 68-2-20, Test Tb, Section 5 Method 1A, Condition B: can withstand 10 seconds at 260°C±5°C
Note: Devices are not designed to be placed through a reflow process.
TRF600†
Physical Characteristics
Test
Conditions
Passive aging
60°C, 1000 hours
85°C, 1000 hours
Humidity aging
85°C, 85% RH, 1000 hours‡
Thermal shock
125°C, -55°C (10 times)
Solvent resistance
MIL-STD-202, Method 215F
Note: Storage conditions: 40°C max., 70% RH max., devices should remain in original sealed bag prior to use. Devices may not meet specified values if these storage conditions are exceeded.
Environmental Specifications
Operating temperature range for all listed products is -40°C to 85°C, except for TRF250-080T and TRF250-184 (0°C to 85°C)
Table T5
Physical Characteristics and Environmental Specifications for
Telecommunications and Networking Devices
Cont’d
Lead material
Tin-plated copper, 22AWG
Insulating material
Cured epoxy polymer
Flammability
per IEC 695-2-2 Needle Flame Test for 20s
Soldering characteristics
ANSI/J-STD-002, Category 3
Solder heat withstand
IEC-STD 68-2-20, Test Tb, Section 5 Method 1A, Condition B: can withstand 10 seconds at 260°C±5°C
Note: Devices are not designed to be placed through a reflow process.
Test
Conditions
Passive aging
60°C, 1000 hours
85°C, 1000 hours
Humidity aging
85°C, 85% RH, 1000 hours
Thermal shock
125°C, -55°C (10 times)
Solvent resistance
MIL-STD-202, Method 215F
Note: Storage conditions: 40°C max., 70% RH max., devices should remain in original sealed bag prior to use. Devices may not meet specified values if these storage conditions are exceeded.
TRF250*
Physical Characteristics
Environmental Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com