Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

decaSMDC050F/60-2 Datasheet(PDF) 20 Page - Tyco Electronics

Part # decaSMDC050F/60-2
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

decaSMDC050F/60-2 Datasheet(HTML) 20 Page - Tyco Electronics

Back Button decaSMDC050F/60-2 Datasheet HTML 14Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 15Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 16Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 17Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 18Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 19Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 20Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 21Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 22Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
206
RoHS Compliant, ELV Compliant
10
P
0
E
1
E
2
F
W
P
2
D
0
A
0
B
0
P
1
B
1
T
1
K
0
T
Cover tape
Embossment
Center lines
of cavity
A
Cover tape
Embossed cavity
Carrier tape
N (hub dia.)
W
2 (measured at hub)
W
1 (measured at hub)
Figure T25 EIA Referenced Taped Component Dimensions for TS Devices
Figure T26 EIA Referenced Reel Dimensions for TS Devices
TS devices are packaged per EIA 481 and EIA 481-2 standards. See Figures T25 and T26 for details.
Table T9 TS Tape and Reel Specifications for Telecommunications and Networking Devices
Cont’d
Dimension
Description
EIA Mark
Dimension (mm)
Tolerance
Carrier tape width
W
32
±0.3
Sprocket hole pitch
P0
4.0
±0.1
P1
24
±0.1
P2
2.0
±0.1
A0
11.2
±0.1
B0
17.8
±0.1
B1 max.
23.45
Sprocket hole diameter
D
1.5
-0/+1.0
F
14.2
±0.1
E1
1.74
±0.1
E2 max.
28.4
±0.1
Tape thickness
T max.
0.5
±0.5
Tape thickness with splice
T1 max.
0.1
K0
11.9
±0.1
Leader min.
390
Trailer min.
160
Reel Dimensions
Reel diameter
A max.
360
Core diameter
N min.
50
Space between flanges less device
W1
32.4
-0/+2.0
Reel width
W2 max.
40
TSM600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com