Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124XM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDTC124XM
Description  NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 47 k廓
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC124XM Datasheet(HTML) 4 Page - NXP Semiconductors

  PDTC124XM Datasheet HTML 1Page - NXP Semiconductors PDTC124XM Datasheet HTML 2Page - NXP Semiconductors PDTC124XM Datasheet HTML 3Page - NXP Semiconductors PDTC124XM Datasheet HTML 4Page - NXP Semiconductors PDTC124XM Datasheet HTML 5Page - NXP Semiconductors PDTC124XM Datasheet HTML 6Page - NXP Semiconductors PDTC124XM Datasheet HTML 7Page - NXP Semiconductors PDTC124XM Datasheet HTML 8Page - NXP Semiconductors PDTC124XM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PDTC124X_SER_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 16 November 2009
4 of 12
NXP Semiconductors
PDTC124X series
NPN resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Device mounted on an FR4 PCB with 60
μm copper strip line, standard footprint.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
7
V
VI
input voltage
positive
-
+40
V
negative
-
−7V
IO
output current
-
100
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT416
[1] -150
mW
SOT490
[1][2] -250
mW
SOT346
[1] -250
mW
SOT883
[2][3] -250
mW
SOT54
[1] -500
mW
SOT23
[1] -250
mW
SOT323
[1] -200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com