Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124XM Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTC124XM
Description  NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 47 k廓
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC124XM Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTC124XM Datasheet HTML 1Page - NXP Semiconductors PDTC124XM Datasheet HTML 2Page - NXP Semiconductors PDTC124XM Datasheet HTML 3Page - NXP Semiconductors PDTC124XM Datasheet HTML 4Page - NXP Semiconductors PDTC124XM Datasheet HTML 5Page - NXP Semiconductors PDTC124XM Datasheet HTML 6Page - NXP Semiconductors PDTC124XM Datasheet HTML 7Page - NXP Semiconductors PDTC124XM Datasheet HTML 8Page - NXP Semiconductors PDTC124XM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
NPN Resistor-Equipped Transistors (RET) family.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
1.3 Applications
1.4 Quick reference data
PDTC124X series
NPN resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
Rev. 07 — 16 November 2009
Product data sheet
Table 1.
Product overview
Type number
Package
PNP complement
NXP
JEITA
JEDEC
PDTC124XE
SOT416
SC-75
-
PDTA124XE
PDTC124XEF
SOT490
SC-89
-
PDTA124XEF
PDTC124XK
SOT346
SC-59A
TO-236
PDTA124XK
PDTC124XM
SOT883
SC-101
-
PDTA124XM
PDTC124XS[1]
SOT54
SC-43A
TO-92
PDTA124XS
PDTC124XT
SOT23
-
TO-236AB
PDTA124XT
PDTC124XU
SOT323
SC-70
-
PDTA124XU
Built-in bias resistors
Reduces component count
Simplifies circuit design
Reduces pick and place costs
General-purpose switching and
amplification
Circuit drivers
Inverter and interface circuits
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
15.4
22
28.6
k
Ω
R2/R1
bias resistor ratio
1.7
2.1
2.6


Similar Part No. - PDTC124XM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC124XM PHILIPS-PDTC124XM Datasheet
83Kb / 12P
NPN resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
Rev. 06-14 July 2005
logo
Nexperia B.V. All right...
PDTC124XM NEXPERIA-PDTC124XM Datasheet
260Kb / 13P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = 47 kΩ
Rev. 07 - 16 November 2009
PDTC124XM NEXPERIA-PDTC124XM Datasheet
205Kb / 13P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
PDTC124XM NEXPERIA-PDTC124XM Datasheet
202Kb / 9P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 47 kΩ
23 October 2024
PDTC124XMB NEXPERIA-PDTC124XMB Datasheet
619Kb / 12P
NPN resistor-equipped transistor; R1 = 22 k廓, R2 = 47 k廓
More results

Similar Description - PDTC124XM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH17 NXP-PEMH17 Datasheet
282Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
PDTA144W NXP-PDTA144W Datasheet
188Kb / 14P
PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 05
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
PDTC144W NXP-PDTC144W Datasheet
189Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
PDTC144WE-115 PHILIPS-PDTC144WE-115 Datasheet
189Kb / 14P
NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PEMH16_PUMH16 PHILIPS-PEMH16_PUMH16_15 Datasheet
284Kb / 9P
NPN/NPN resistor-equipped transistors R1 = 22 k廓, R2 = 47 k廓
Rev. 04-15 November 2009
PEMH17_PUMH17 PHILIPS-PEMH17_PUMH17_15 Datasheet
282Kb / 9P
NPN/NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
logo
Nexperia B.V. All right...
PQMD16 NEXPERIA-PQMD16 Datasheet
734Kb / 17P
NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 47 k廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com