Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX320F032H Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC32MX320F032H
Description  64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX320F032H Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC32MX320F032H Datasheet HTML 17Page - Microchip Technology PIC32MX320F032H Datasheet HTML 18Page - Microchip Technology PIC32MX320F032H Datasheet HTML 19Page - Microchip Technology PIC32MX320F032H Datasheet HTML 20Page - Microchip Technology PIC32MX320F032H Datasheet HTML 21Page - Microchip Technology PIC32MX320F032H Datasheet HTML 22Page - Microchip Technology PIC32MX320F032H Datasheet HTML 23Page - Microchip Technology PIC32MX320F032H Datasheet HTML 24Page - Microchip Technology PIC32MX320F032H Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 172 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS61143F-page 19
PIC32MX3XX/4XX
3.0
PIC32MX MCU
The MCU module is the heart of the PIC32MX3XX/4XX
Family processor. The MCU fetches instructions,
decodes each instruction, fetches source operands,
executes each instruction, and writes the results of
instruction execution to the proper destinations.
3.1
Features
• 5-stage pipeline
• 32-bit Address and Data Paths
• MIPS32 Enhanced Architecture (Release 2)
- Multiply-Accumulate and Multiply-Subtract
Instructions
- Targeted Multiply Instruction
- Zero/One Detect Instructions
- WAIT Instruction
- Conditional Move Instructions (MOVN, MOVZ)
- Vectored interrupts
- Programmable exception vector base
- Atomic interrupt enable/disable
- GPR shadow registers to minimize latency
for interrupt handlers
- Bit field manipulation instructions
• MIPS16e™ Code Compression
- 16-bit encoding of 32-bit instructions to
improve code density
- Special PC-relative instructions for efficient
loading of addresses and constants
- SAVE & RESTORE macro instructions for
setting up and tearing down stack frames
within subroutines
- Improved support for handling 8 and 16-bit
data types
• Simple Fixed Mapping Translation (FMT)
mechanism
• Simple Dual Bus Interface
- Independent 32-bit address and data busses
- Transactions can be aborted to improve
interrupt latency
• Autonomous Multiply/Divide Unit
- Maximum issue rate of one 32x16 multiply
per clock
- Maximum issue rate of one 32x32 multiply
every other clock
- Early-in iterative divide. Minimum 11 and
maximum 34 clock latency (dividend (rs) sign
extension-dependent)
• Power Control
- Minimum frequency: 0 MHz
- Low-Power mode (triggered by WAIT
instruction)
- Extensive use of local gated clocks
• EJTAG Debug and Instruction Trace
- Support for single stepping
- Virtual instruction and data address/value
- breakpoints
- PC tracing with trace compression
FIGURE 3-1:
MCU BLOCK DIAGRAM
Note:
This data sheet summarizes the features of
the PIC32MX3XX/4XX Family of devices. It
is not intended to be a comprehensive
reference source. Refer to the “PIC32MX
Family Reference Manual” Section 2.
“MCU” (DS61113) for a detailed description
of the PIC32MX MCU. The manual is
available from the Microchip web site
(www.Microchip.com/PIC32). Resources for
the MIPS32® M4K® Processor Core are
available
at
www.mips.com/prod-
ucts/cores/32-bit-cores/ mips32-m4k/#.
Dual Bus I/F
System
Coprocessor
MDU
FMT
TAP
EJTAG
Power
Mgmt
Off-Chip
Debug I/F
Execution
Core
(RF/ALU/Shift)
Trace
Trace I/F
Bus Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com