Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX320F032H Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC32MX320F032H
Description  64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX320F032H Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC32MX320F032H Datasheet HTML 9Page - Microchip Technology PIC32MX320F032H Datasheet HTML 10Page - Microchip Technology PIC32MX320F032H Datasheet HTML 11Page - Microchip Technology PIC32MX320F032H Datasheet HTML 12Page - Microchip Technology PIC32MX320F032H Datasheet HTML 13Page - Microchip Technology PIC32MX320F032H Datasheet HTML 14Page - Microchip Technology PIC32MX320F032H Datasheet HTML 15Page - Microchip Technology PIC32MX320F032H Datasheet HTML 16Page - Microchip Technology PIC32MX320F032H Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 172 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS61143F-page 11
PIC32MX3XX/4XX
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the PIC32MX3XX/4XX devices.
Figure 1-1 shows a general block diagram of the core
and peripheral modules in the PIC32MX3XX/4XX fam-
ilies of devices.
Table 1-1 lists the functions of the various pins shown
in the pinout diagrams.
FIGURE 1-1:
BLOCK DIAGRAM(1,2)
Note:
This data sheet summarizes the features of
the PIC32MX3XX/4XX family of devices. It
is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to the
appropriate section of the “PIC32MX
Family Reference Manual”, which is
available from the Microchip web site
(www.microchip.com/PIC32)
Note 1: Some features are not available on all device variants.
2: BOR functionality is provided when the on-board voltage regulator is enabled.
UART 1,2
Comparators
PORTA
PORTD
PORTE
PORTF
PORTG
PORTB
CN1-22
JTAG
Priority
DMAC
ICD
MIPS 32® M4K® CPU Core
IS
DS
EJTAG
INT
Bus Matrix
Prefetch
Data RAM
Peripheral Bridge
128
128-bit wide
32
32
32
32
32
Program Flash Memory
32
32
Module
32
32
Interrupt
Controller
BSCAN
PORTC
PMP
I2C 1,2
SPI 1,2
IC 1-5
PWM
OC 1-5
OSC1/CLKI
OSC2/CLKO
VDD,
Timing
Generation
VSS
MCLR
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Brown-out
Reset
Precision
Reference
Band Gap
FRC/LPRC
Oscillators
Regulator
Voltage
VDDCORE/VCAP
ENVREG
OSC/SOSC
Oscillators
PLL
DIVIDERS
SYSCLK
PBCLK
Peripheral Bus Clocked by SYSCLK
USB
PLL-USB
USBCLK
32
RTCC
10-bit ADC
Timer1-5
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com