Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1206SFS500F/32 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1206SFS500F/32
Description  Slow-Blow Chip Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFS500F/32 Datasheet(HTML) 2 Page - Tyco Electronics

  1206SFS500F/32 Datasheet HTML 1Page - Tyco Electronics 1206SFS500F/32 Datasheet HTML 2Page - Tyco Electronics 1206SFS500F/32 Datasheet HTML 3Page - Tyco Electronics 1206SFS500F/32 Datasheet HTML 4Page - Tyco Electronics 1206SFS500F/32 Datasheet HTML 5Page - Tyco Electronics 1206SFS500F/32 Datasheet HTML 6Page - Tyco Electronics 1206SFS500F/32 Datasheet HTML 7Page - Tyco Electronics 1206SFS500F/32 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
112
13
RoHS Compliant, ELV Compliant
HF Halogen Free
% of rated current
Clear time at 25°C
100%
4 hours (min.)
200%
1 second (min.)
120 seconds (max.)
300%
0.1 second (min.)
3 seconds (max.)
800%(1.0A-1.5A)
0.0005 second (min.) 0.05 seconds (max.)
800%(2.0A-5.0A)
0.001 second (min.) 0.05 seconds (max.)
Clear Time Characteristics for Slow-Blow Chip Fuses
Table FS1
% of rated current
Clear time at 25°C
100%
4 hours (min.)
200%
1 second (min.)
120 seconds (max.)
300%
0.1 second (min.)
3 seconds (max.)
800%(1.0A-1.5A)
0.0016 second (min.) 0.05 seconds (max.)
800%(2.0A-8.0A)
0.002 second (min.) 0.05 seconds (max.)
0603SFS Series
1206SFS Series
Typical Electrical Characteristics, Dimensions and Recommended Pad Layout for
Slow-Blow Chip Fuses
Table FS2
1206SFS100F/63
1.0
0.360
0.11
63
50
1206SFS125F/63
1.25
0.200
0.22
63
50
1206SFS150F/63
1.5
0.150
0.23
63
50
1206SFS200F/63
2.0
0.082
0.63
63
50
1206SFS250F/32
2.5
0.070
0.90
32
50
1206SFS300F/32
3.0
0.032
1.20
32
50
1206SFS350F/32
3.5
0.028
1.60
32
50
1206SFS400F/32
4.0
0.024
2.20
32
50
1206SFS450F/32
4.5
0.020
3.60
32
50
1206SFS500F/32
5.0
0.016
5.30
32
50
1206SFS550F/24
5.5
0.014
6.40
24
50
1206SFS600F/24
6.0
0.011
8.50
24
60
1206SFS700F/24
7.0
0.010
10.00
24
60
1206SFS800F/24
8.0
0.009
16.90
24
60
* Measured at
10% of rated current and 25°C ambient temperature.
† Melting I2t at 0.001 sec clear time.
Part Number
Rated
Current
(A)
Nominal
Cold DCR
(
Ω)*
Voltage
(VDC)
Current
(A)
1206 (3216mm) Slow-Blow Chip Fuses
0603 (1608mm) Slow-Blow Chip Fuses
Shape and
Dimensions
Inch (mm)
Recommended
Pad Layout
Inch (mm)
0.063±0.008
(1.60±0.20)
0.126±0.008
(3.20±0.20)
0.038±0.008
(0.97±0.20)
0.020±0.010
(0.51±0.25)
0.173
(4.40)
0.071
(1.80)
0.057
(1.45)
0.059
(1.50)
Nominal
I2t
(A2sec)†
0603SFS100F/32
1.0
0.200
0.093
32
50
0603SFS150F/32
1.5
0.100
0.18
32
50
0603SFS200F/32
2.0
0.052
0.32
32
50
0603SFS250F/32
2.5
0.041
0.63
32
50
0603SFS300F/32
3.0
0.031
0.87
32
50
0603SFS350F/32
3.5
0.021
1.20
32
50
0603SFS400F/32
4.0
0.017
2.30
32
50
0603SFS450F/32
4.5
0.015
2.70
32
50
0603SFS500F/32
5.0
0.013
3.20
32
50
Part Number
Rated
Current
(A)
Nominal
Cold DCR
(
Ω)*
Voltage
(VDC)
Current
(A)
Nominal
I2t
(A2sec)†
Shape and
Dimensions
Inch (mm)
Recommended
Pad Layout
Inch (mm)
0.031±0.006
(0.80±0.15)
0
0.031±0.006
(0.80±0.15)
0.014±0.006
(0.36±0.15)
0.063±0.006
(1.60±0.15)
0.110
(2.80)
0.039
(1.00)
0.043
(1.09)
0.024
(0.60)
0
Typical Electrical
Characteristics
Max.
Interrupt Ratings
Typical Electrical
Characteristics
Max.
Interrupt Ratings



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com