Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1206SFS500F/32 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 1206SFS500F/32
Description  Slow-Blow Chip Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFS500F/32 Datasheet(HTML) 5 Page - Tyco Electronics

  1206SFS500F/32 Datasheet HTML 1Page - Tyco Electronics 1206SFS500F/32 Datasheet HTML 2Page - Tyco Electronics 1206SFS500F/32 Datasheet HTML 3Page - Tyco Electronics 1206SFS500F/32 Datasheet HTML 4Page - Tyco Electronics 1206SFS500F/32 Datasheet HTML 5Page - Tyco Electronics 1206SFS500F/32 Datasheet HTML 6Page - Tyco Electronics 1206SFS500F/32 Datasheet HTML 7Page - Tyco Electronics 1206SFS500F/32 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
115
13
RoHS Compliant, ELV Compliant
HF Halogen Free
Construction body material
Ceramic
Termination material
Silver, Nickel, Tin
Fuse element
Silver
Environmental Specifications for Slow-Blow Chip Fuses
Table FS3
Operating temperature
-55°C to +125°C
Mechanical vibration
Withstands 5-3000 Hz at 30 Gs when evaluated per Method 204 of MIL-STD-202
Mechanical shock
Withstands 1500 Gs, 0.5 millisecond half-sine pulses when evaluated per Method 213 of MIL-STD-202
Thermal shock
Withstands 100 cycles from -65°C to +125°C when evaluated per Method 107 of MIL-STD-202
Resistance to soldering heat
Withstands 60 seconds at +260°C when evaluated per Method 210 of MIL-STD-202
Solderability
Meets 95% minimum coverage requirement when evaluated per Method 208 of MIL-STD-202
Moisture resistance
Withstands 10 cycles when evaluated per Method 106 of MIL-STD-202
Salt spray
Withstands 48-hour exposure when evaluated per Method 101 of MIL-STD-202
105
100
95
90
85
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
Maximum Operating Temperature (˚C)
-55
-35
-15
5
25
45
65
85
105
125
145
Temperature Effect on Current Rating
Insulation resistance after opening
20,000
Ω minimum @ rated voltage. Fuse clearing under low voltage conditions may result in lower
post-clearing insulation values. Under normal fault conditions Raychem fuses provide sufficient
insulation resistance for circuit protection.
Current carrying capacity
Withstands 100% rated current at +25°C ambient for 4 hours when evaluated per MIL-PRF-23419.
Material Specifications for Slow-Blow Chip Fuses
Table FS4
Electrical Specifications for Slow-Blow Chip Fuses
Table FS5
Thermal Derating Current for Slow-Blow Chip Fuses
Figure FS5
0603 (1608)
4,000
178mm white plastic
9.0 ± 0.5mm
8.00 ± 0.10mm
Plastic
55
1206 (3216)
3,000
178mm white plastic
9.0 ± 0.5mm
8.00 ± 0.10mm
Plastic
55
Packaging Information for Slow-Blow Chip Fuses
Table FS6
Size
Reel Quantity
(pcs)
Reel Diameter
Reel Width
Carrier
Tape Size
Tape Type
Reels per Outside
Shipment Box
Outside Shipment
Boxes per Overpack



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com