Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF110-AP Datasheet(PDF) 12 Page - Tyco Electronics

Part # RUSBF110-AP
Description  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF110-AP Datasheet(HTML) 12 Page - Tyco Electronics

Back Button RUSBF110-AP Datasheet HTML 8Page - Tyco Electronics RUSBF110-AP Datasheet HTML 9Page - Tyco Electronics RUSBF110-AP Datasheet HTML 10Page - Tyco Electronics RUSBF110-AP Datasheet HTML 11Page - Tyco Electronics RUSBF110-AP Datasheet HTML 12Page - Tyco Electronics RUSBF110-AP Datasheet HTML 13Page - Tyco Electronics RUSBF110-AP Datasheet HTML 14Page - Tyco Electronics RUSBF110-AP Datasheet HTML 15Page - Tyco Electronics RUSBF110-AP Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
122
RoHS Compliant, ELV Compliant
10
RHEF
30V - High Temperature
RHEF050
—
7.4
—
12.7
4.3
5.8
7.6
——
3.0
1.2
——
R8, R13,
(0.29)
(0.50)
(0.17) (0.23)
(0.30)
(0.12)
(0.05)
R14
RHEF070
—
6.9
—
10.8
4.3
5.8
7.6
——
3.0
1.2
1.24
1.2
R10, R13,
(0.27)
(0.43)
(0.17) (0.23)
(0.30)
(0.12)
(0.05)
(0.049)
(0.05)
R14
RHEF100
—
9.7
—
13.6
4.3
5.8
7.6
——
3.0
———
R8, R13,
(0.38)
(0.54)
(0.17) (0.23)
(0.30)
(0.12)
R14
RUSBF
16V
RUSBF090
—
7.4
—
12.2
4.3
5.8
7.6
——
3.1
—
0.89
0.8
R10, R13,
(0.29)
(0.48)
(0.17) (0.23)
(0.30)
(0.12)
(0.035)
(0.03)
R14
RUSBF110
—
7.4
—
14.2
4.3
5.8
7.6
——
3.0
—
0.89
0.8
R10, R13,
(0.29)
(0.56)
(0.17) (0.23)
(0.30)
(0.12)
(0.035)
(0.03)
R14
RUSBF135
—
8.9
—
13.5
4.3
5.8
7.6
——
3.0
—
0.89
1.0
R10, R13,
(0.35)
(0.53)
(0.17) (0.23)
(0.30)
(0.12)
(0.035)
(0.04)
R14
RUSBF160
—
8.9
—
15.2
4.3
5.8
7.6
——
3.0
—
0.89
1.0
R10, R13,
(0.35)
(0.60)
(0.17) (0.23)
(0.30)
(0.12)
(0.035)
(0.04)
R14
RUSBF185
—
10.2
—
15.7
4.3
5.8
7.6
——
3.0
—
0.89
1.0
R10, R13,
(0.40)
(0.62)
(0.17) (0.23)
(0.30)
(0.12)
(0.035)
(0.04)
R14
RUSBF250
—
11.4
—
18.3
4.3
5.8
7.6
——
3.0
—
0.89
1.2
R10, R13,
(0.45)
(0.72)
(0.17) (0.23)
(0.30)
(0.12)
(0.035)
(0.05)
R14
RGEF
16V
RGEF250
—
8.9
—
12.8
4.3
5.8
3.18
6.18
—
3.0
1.2
1.24
1.2
R10, R13,
(0.35)
(0.50)
(0.17) (0.23)
(0.13) (0.24)
(0.12)
(0.05)
(0.049)
(0.05)
R14
RGEF300
6.1
7.1
6.1
11.0
4.3
5.8
7.6
—
2.0
3.0
1.2
1.24
1.2
R11, R13,
(0.24)
(0.28)
(0.24) (0.43)
(0.17) (0.23)
(0.30)
(0.08) (0.12)
(0.05)
(0.049)
(0.05)
R14
RGEF400
7.9
8.9
7.9
12.8
4.3
5.8
7.6
—
2.0
3.0
1.2
1.24
1.4
R11, R13,
(0.31)
(0.35)
(0.31) (0.50)
(0.17) (0.23)
(0.30)
(0.08) (0.12)
(0.05)
(0.049)
(0.06)
R14
RGEF500
9.4
10.4
9.4
14.3
4.3
5.8
7.6
—
2.0
3.0
1.2
1.24
1.6
R11, R13,
(0.37)
(0.41)
(0.37) (0.56)
(0.17) (0.23)
(0.30)
(0.08) (0.12)
(0.05)
(0.049)
(0.06)
R14
RGEF600
9.7
10.7
12.2
17.1
4.3
5.8
7.6
—
2.0
3.0
1.2
1.24
1.6
R11, R13,
(0.38)
(0.42)
(0.48) (0.67)
(0.17) (0.23)
(0.30)
(0.08) (0.12)
(0.05)
(0.049)
(0.06)
R14
RGEF700
10.2
11.2
14.7
19.7
4.3
5.8
7.6
—
2.0
3.0
1.2
1.24
1.7
R11, R13,
(0.40)
(0.44)
(0.58) (0.78)
(0.17) (0.23)
(0.30)
(0.08) (0.12)
(0.05)
(0.049)
(0.07)
R14
RGEF800
11.7
12.7
16.0
20.9
4.3
5.8
7.6
—
2.0
3.0
1.2
1.24
1.8
R11, R13,
(0.46)
(0.50)
(0.63) (0.82)
(0.17) (0.23)
(0.30)
(0.08) (0.12)
(0.05)
(0.049)
(0.07)
R14
RGEF900
13.0
14.0
16.8
21.7
4.3
5.8
7.6
—
2.0
3.0
1.2
1.24
2.0
R11, R13,
(0.51)
(0.55)
(0.66) (0.85)
(0.17) (0.23)
(0.30)
(0.08) (0.12)
(0.05)
(0.049)
(0.08)
R14
RGEF1000
15.5
16.5
21.1
25.2
4.3
5.8
7.6
—
2.0
3.0
1.2
1.24
2.0
R11, R13,
(0.61)
(0.65)
(0.83) (0.99)
(0.17) (0.23)
(0.30)
(0.08) (0.12)
(0.05)
(0.049)
(0.08)
R14
RGEF1100
16.5
17.5
21.1
26.0
4.3
5.8
7.6
—
2.0
3.0
1.2
1.24
2.4
R11, R13,
(0.65)
(0.69)
(0.83) (1.02)
(0.17) (0.23)
(0.30)
(0.08) (0.12)
(0.05)
(0.049)
(0.09)
R14
RGEF1200
16.4
17.5
22.6
28.0
9.4
10.9
7.6
—
2.3
3.5
1.4
1.45
1.5
R11, R13,
(0.65)
(0.69)
(0.89) (1.10)
(0.37) (0.43)
(0.30)
(0.09) (0.14)
(0.06)
(0.057)
(0.06)
R14
RGEF1400
22.4
23.5
22.6
27.9
9.4
10.9
7.6
—
2.3
3.5
1.4
1.45
1.9
R11, R13,
(0.88) (0.925)
(0.89) (1.10)
(0.37) (0.43)
(0.30)
(0.09) (0.14)
(0.06)
(0.057)
(0.08)
R14
RHEF
16V - High Temperature
RHEF200
—
9.4
—
14.4
4.3
5.8
7.6
——
3.1
———
R8, R13,
(0.37)
(0.57)
(0.17) (0.23)
(0.30)
(0.12)
R14
RHEF300
—
8.8
—
13.8
4.3
5.8
7.6
——
3.0
1.2
——
R12, R13,
(0.35)
(0.55)
(0.17) (0.23)
(0.30)
(0.12)
(0.05)
R14
RHEF400
—
10.0
—
15.0
4.3
5.8
7.6
——
3.0
1.2
1.24
1.6
R12, R13,
(0.39)
(0.59)
(0.17) (0.23)
(0.30)
(0.12)
(0.05)
(0.049)
(0.06)
R14
RHEF450
—
10.4
—
15.6
4.3
5.8
7.6
——
3.0
1.2
1.24
1.6
R12, R13,
(0.41)
(0.61)
(0.17) (0.23)
(0.30)
(0.12)
(0.05)
(0.049)
(0.06)
R14
RHEF550
—
11.2
—
18.9
4.3
5.8
7.6
——
3.0
1.2
——
R12, R13,
(0.44)
(0.74)
(0.17) (0.23)
(0.30)
(0.12)
(0.05)
R14
RHEF600
—
11.2
—
21.0
4.3
5.8
7.6
——
3.0
1.2
1.24
1.7
R12, R13,
(0.44)
(0.83)
(0.17) (0.23)
(0.30)
(0.12)
(0.05)
(0.049)
(0.067)
R14
RHEF650
—
12.7
—
22.2
4.3
5.8
7.6
——
3.0
1.2
1.24
1.8
R12, R13,
(0.50)
(0.88)
(0.17) (0.23)
(0.30)
(0.12)
(0.05)
(0.049)
(0.07)
R14
Part Number
A
Min.
Max.
J
Typ.
Figure
B
Min.
max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Typ.
H
Typ.
Table R4 Dimensions for Radial-leaded Devices in Millimeters (Inches)
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com