Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF110-AP Datasheet(PDF) 3 Page - Tyco Electronics

Part # RUSBF110-AP
Description  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF110-AP Datasheet(HTML) 3 Page - Tyco Electronics

  RUSBF110-AP Datasheet HTML 1Page - Tyco Electronics RUSBF110-AP Datasheet HTML 2Page - Tyco Electronics RUSBF110-AP Datasheet HTML 3Page - Tyco Electronics RUSBF110-AP Datasheet HTML 4Page - Tyco Electronics RUSBF110-AP Datasheet HTML 5Page - Tyco Electronics RUSBF110-AP Datasheet HTML 6Page - Tyco Electronics RUSBF110-AP Datasheet HTML 7Page - Tyco Electronics RUSBF110-AP Datasheet HTML 8Page - Tyco Electronics RUSBF110-AP Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
113
RoHS Compliant, ELV Compliant
10
Hold Current (A)
2.000
—
——
——
—
—
0.0610
Ω
—
——
2.500
—
0.065
Ω
0.063
Ω
——
0.030
Ω
0.0380
Ω
——
0.030
Ω
—
3.000
—
0.050
Ω
0.040
Ω
——
0.035
Ω
0.0514
Ω
0.0430
Ω
—
——
3.750
—
0.040
Ω
0.029
Ω
—
—
—
—
——
—
—
4.000
——
0.026
Ω
——
0.020
Ω
0.0300
Ω
0.0320
Ω
—
——
4.500
—
——
——
—
—
0.0290
Ω
—
——
5.000
——
0.021
Ω
——
0.020
Ω
0.0192
Ω
——
—
—
5.500
—
——
——
—
—
0.0200
Ω
—
——
6.000
—
——
——
0.013
Ω
0.0145
Ω
0.0175
Ω
—
——
6.500
—
——
——
—
—
0.0144
Ω
—
——
7.000
—
——
——
0.013
Ω
0.0105
Ω
0.0132
Ω
—
——
7.500
—
——
——
—
—
0.0120
Ω
—
——
8.000
—
——
——
0.013
Ω
0.0086
Ω
0.0110
Ω
—
——
9.000
—
——
——
0.008
Ω
0.0070
Ω
0.0100
Ω
—
——
10.00
—
——
——
—
0.0056
Ω
0.0083
Ω
—
——
11.00
—
——
——
—
0.0050
Ω
0.0073
Ω
—
——
12.00
—
——
——
—
0.0046
Ω
——
—
—
13.00
—
——
——
—
—
0.0055
Ω
—
——
14.00
—
——
——
—
0.0040
Ω
0.0050
Ω
—
——
15.00
—
——
——
—
—
0.0050
Ω
—
——
Voltage Rating
BBRF
99V
RXEF
72V
RXEF
60V
RTEF
33V
RUEF
30V
RGEF
16V
RHEF
16V
RHEF
30V
RUSBF
16V
RUSBF
6V
RKEF
60V
Maximum Ambient Temperature
Part Number
-40°C
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
85°C
125°C
BBRF
99V
BBRF550
0.85
0.75
0.65
0.55
—
0.45
0.40
0.35
0.30
0.22
—
RXEF
60V
RXEF005
0.078
0.068
0.06
0.05
0.048
0.04
0.035
0.032
0.027
0.02
—
RXEF010
0.160
0.140
0.11
0.10
0.096
0.08
0.072
0.067
0.050
0.04
—
RXEF017
0.260
0.230
0.21
0.17
0.160
0.14
0.120
0.110
0.090
0.07
—
RXEF
72V
RXEF020
0.31
0.27
0.24
0.20
0.19
0.16
0.14
0.13
0.11
0.08
—
RXEF025
0.39
0.34
0.30
0.25
0.24
0.20
0.18
0.16
0.14
0.10
—
RXEF030
0.47
0.41
0.36
0.30
0.29
0.24
0.22
0.20
0.16
0.12
—
RXEF040
0.62
0.54
0.48
0.40
0.38
0.32
0.29
0.25
0.22
0.16
—
RXEF050
0.78
0.68
0.60
0.50
0.48
0.41
0.36
0.32
0.27
0.20
—
RXEF065
1.01
0.88
0.77
0.65
0.62
0.53
0.47
0.41
0.35
0.26
—
RXEF075
1.16
1.02
0.89
0.75
0.72
0.61
0.54
0.47
0.41
0.30
—
RXEF090
1.40
1.22
1.07
0.90
0.86
0.73
0.65
0.57
0.49
0.36
—
RXEF110
1.71
1.50
1.31
1.10
1.06
0.89
0.79
0.69
0.59
0.44
—
RXEF135
2.09
1.84
1.61
1.35
1.30
1.09
0.97
0.85
0.73
0.54
—
RXEF160
2.48
2.18
1.90
1.60
1.54
1.30
1.15
1.01
0.86
0.64
—
RXEF185
2.87
2.52
2.20
1.85
1.78
1.50
1.33
1.17
1.00
0.74
—
RXEF250
3.88
3.40
2.98
2.50
2.40
2.03
1.80
1.58
1.35
1.00
—
RXEF300
4.65
4.08
3.57
3.00
2.88
2.43
2.16
1.89
1.62
1.20
—
RXEF375
5.81
5.10
4.46
3.75
3.60
3.04
2.70
2.36
2.03
1.50
—
Table R1
Product Series - Current Rating, Voltage Rating / Typical Resistance for
Radial-leaded Devices
Cont’d
Table R2
Thermal Derating for Radial-leaded Devices
[Hold Current (A) at Ambient Temperature (°C)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com