Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF090-2 Datasheet(PDF) 7 Page - Tyco Electronics

Part # RUSBF090-2
Description  PolySwitch Resettable Devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF090-2 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button RUSBF090-2 Datasheet HTML 3Page - Tyco Electronics RUSBF090-2 Datasheet HTML 4Page - Tyco Electronics RUSBF090-2 Datasheet HTML 5Page - Tyco Electronics RUSBF090-2 Datasheet HTML 6Page - Tyco Electronics RUSBF090-2 Datasheet HTML 7Page - Tyco Electronics RUSBF090-2 Datasheet HTML 8Page - Tyco Electronics RUSBF090-2 Datasheet HTML 9Page - Tyco Electronics RUSBF090-2 Datasheet HTML 10Page - Tyco Electronics RUSBF090-2 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Table R3 - Electrical Characteristics for Radial-leaded Devices
Part
I
H
I
T
V
Max
V
Max Interrupt
I
Max
P
D TYP
Max. Time-to-trip
R
Min
R
MAX
R
1 Max
Figure for
Lead Size
Number
(A)
(A)
(V)
(V
AC)
(A)
(W)
(A)
(s)
(Ω)(Ω)(Ω)
Dimensions
[mm
2 (AWG)]
LVR/LVRL
240VAC /120VAC
LVR005K
0.05
0.12
240
265
1.0
0.7
0.25
15.0
18.50
31.00
65.00
R7
[0.205mm
2(24)]
LVR005S
0.05
0.12
240
265
1.0
0.7
0.25
15.0
18.50
31.00
65.00
R7
[0.205mm2(24)]
LVR008K
0.08
0.19
240
265
1.2
0.8
0.40
15.0
7.40
12.00
26.00
R7
[0.205mm2(24)]
LVR008S
0.08
0.19
240
265
1.2
0.8
0.40
15.0
7.40
12.00
26.00
R7
[0.205mm2(24)]
LVR012K
0.12
0.30
240
265
1.2
1.0
0.60
15.0
3.00
6.50
12.00
R7
[0.205mm2(24)]
LVR012S
0.12
0.30
240
265
1.2
1.0
0.60
15.0
3.00
6.50
12.00
R7
[0.205mm2(24)]
LVR016K
0.16
0.37
240
265
2.0
1.4
0.80
15.0
2.50
4.10
7.80
R7
[0.205mm2(24)]
LVR016S
0.16
0.37
240
265
2.0
1.4
0.80
15.0
2.50
4.10
7.80
R7
[0.205mm2(24)]
LVR025K
0.25
0.56
240
265
3.5
1.5
1.25
18.5
1.30
2.10
3.80
R8
[0.33mm2(22)]
LVR025S
0.25
0.56
240
265
3.5
1.5
1.25
18.5
1.30
2.10
3.80
R8
[0.33mm2(22)]
LVR033S
0.33
0.74
240
265
4.5
1.7
1.25
18.5
0.83
1.24
2.60
R8
[0.33mm2(22)]
LVR033K
0.33
0.74
240
265
4.5
1.7
1.25
18.5
0.83
1.24
2.60
R8
[0.33mm2(22)]
LVR040K
0.40
0.90
240
265
5.5
2.0
2.00
24.0
0.60
0.97
1.90
R8
[0.33mm2(22)]
LVR040S
0.40
0.90
240
265
5.5
2.0
2.00
24.0
0.60
0.97
1.90
R8
[0.33mm2(22)]
LVR055K
0.55
1.25
240
265
7.0
3.4
2.75
26.0
0.45
0.73
1.45
R8
[0.52mm2(20)]
LVR055S
0.55
1.25
240
265
7.0
3.4
2.75
26.0
0.45
0.73
1.45
R8
[0.52mm2(20)]
LVRL075S
0.75
1.52
120
135
7.5
1.8
3.75
14.4
0.25
0.39
0.69
R8
[0.81mm2(20)]
LVRL100S
1.00
2.00
120
135
10.0
2.2
5.00
13.6
0.18
0.27
0.47
R8
[0.81mm2(20)]
LVRL125S
1.25
2.50
120
135
12.5
2.0
6.25
20.0
0.11
0.18
0.33
R8
[0.81mm2(20)]
LVRL135S
1.35
2.70
120
135
13.5
2.8
6.75
20.0
0.11
0.17
0.30
R8
[0.81mm2(20)]
LVRL200S
2.00
4.20
120
135
20.0
3.9
10.00
36.0
0.08
0.12
0.21
R8
[0.81mm2(20)]
BBRF
99VAC
BBRF550
0.55
1.1
99
—
20
1.5
1.60
60
0.8
1.30
1.95
R6, R15, R16
[0.52mm
2 (20)]
BBRF750
0.75
1.5
99
—
20
1.7
2.00
60
0.4
0.75
1.20
R6, R15, R16
[0.52mm2 (20)]
RXEF
60V
RXEF005
0.05
0.10
60
—
40
0.26
0.25
5.0
7.3
11.10
20.0
R9, R15, R16
[0.128mm2 (26)]
RXEF010
0.10
0.20
60
—
40
0.38
0.50
4.0
2.5
4.50
7.5
R10, R15, R16
[0.205mm2 (24)]
RXEF017
0.17
0.34
60
—
40
0.48
0.85
3.0
3.3
5.21
8.0
R10, R15, R16
[0.205mm2 (24)]
RXEF
72V
RXEF020
0.20
0.40
72
—
40
0.41
1.00
2.2
1.83
2.75
4.40
R10, R15, R16
[0.205mm2 (24)]
RXEF025
0.25
0.50
72
—
40
0.45
1.25
2.5
1.25
1.95
3.00
R10, R15, R16
[0.205mm2 (24)]
RXEF030
0.30
0.60
72
—
40
0.49
1.50
3.0
0.88
1.33
2.10
R10, R15, R16
[0.205mm2 (24)]
RXEF040
0.40
0.80
72
—
40
0.56
2.00
3.8
0.55
0.86
1.29
R10, R15, R16
[0.205mm2 (24)]
RXEF050
0.50
1.00
72
—
40
0.77
2.50
4.0
0.50
0.77
1.17
R10, R15, R16
[0.205mm2 (24)]
RXEF065
0.65
1.30
72
—
40
0.88
3.25
5.3
0.31
0.48
0.72
R10, R15, R16
[0.205mm2 (24)]
RXEF075
0.75
1.50
72
—
40
0.92
3.75
6.3
0.25
0.40
0.60
R10, R15, R16
[0.205mm2 (24)]
RXEF090
0.90
1.80
72
—
40
0.99
4.50
7.2
0.20
0.31
0.47
R10, R15, R16
[0.205mm2 (24)]
RXEF110
1.10
2.20
72
—
40
1.50
5.50
8.2
0.15
0.25
0.38
R11, R15, R16
[0.52mm2 (20)]
RXEF135
1.35
2.70
72
—
40
1.70
6.75
9.6
0.12
0.19
0.30
R11, R15, R16
[0.52mm2 (20)]
RXEF160
1.60
3.20
72
—
40
1.90
8.00
11.4
0.09
0.14
0.22
R11, R15, R16
[0.52mm2 (20)]
RXEF185
1.85
3.70
72
—
40
2.10
9.25
12.6
0.08
0.12
0.19
R11, R15, R16
[0.52mm2 (20)]
RXEF250
2.50
5.00
72
—
40
2.50
12.50
15.6
0.05
0.08
0.13
R11, R15, R16
[0.52mm2 (20)]
RXEF300
3.00
6.00
72
—
40
2.80
15.00
19.8
0.04
0.06
0.10
R11, R15, R16
[0.52mm2 (20)]
RXEF375
3.75
7.50
72
—
40
3.20
18.75
24.0
0.03
0.05
0.08
R11, R15, R16
[0.52mm2 (20)]
RTEF
33V
RTEF120
1.20
2.3
33
—
40
0.78
6.00
3.5
0.074
0.12
0.18
R12, R15, R16
[0.205mm2 (24)]
RTEF135
1.35
2.5
33
—
40
0.84
6.75
4.5
0.059
0.10
0.143
R12, R15, R16
[0.205mm2 (24)]
RTEF190
1.90
3.0
33
—
40
0.90
9.50
3.5
0.045
0.063
0.092
R12, R15, R16
[0.205mm2 (24)]
RUEF
30V
RUEF090
0.90
1.8
30
—
100
0.6
4.50
5.9
0.070
0.12
0.22
R12, R15, R16
[0.205mm2 (24)]
RUEF110
1.10
2.2
30
—
100
0.7
5.50
6.6
0.070
0.10
0.17
R12, R15, R16
[0.205mm2 (24)]
RUEF135
1.35
2.7
30
—
100
0.8
6.75
7.3
0.040
0.08
0.13
R12, R15, R16
[0.205mm2 (24)]
RUEF160
1.60
3.2
30
—
100
0.9
8.50
8.0
0.030
0.07
0.11
R12, R15, R16
[0.205mm2 (24)]
RUEF185
1.85
3.7
30
—
100
1.0
9.25
8.7
0.030
0.06
0.09
R12, R15, R16
[0.205mm2 (24)]
RUEF250
2.5
5.0
30
—
100
1.2
12.50
10.3
0.020
0.04
0.07
R12, R15, R16
[0.205mm2 (24)]
RUEF300
3.0
6.0
30
—
100
2.0
15.00
10.8
0.020
0.05
0.08
R13, R15, R16
[0.52mm2 (20)]
13
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com