Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF090-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RUSBF090-2
Description  PolySwitch Resettable Devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF090-2 Datasheet(HTML) 1 Page - Tyco Electronics

  RUSBF090-2 Datasheet HTML 1Page - Tyco Electronics RUSBF090-2 Datasheet HTML 2Page - Tyco Electronics RUSBF090-2 Datasheet HTML 3Page - Tyco Electronics RUSBF090-2 Datasheet HTML 4Page - Tyco Electronics RUSBF090-2 Datasheet HTML 5Page - Tyco Electronics RUSBF090-2 Datasheet HTML 6Page - Tyco Electronics RUSBF090-2 Datasheet HTML 7Page - Tyco Electronics RUSBF090-2 Datasheet HTML 8Page - Tyco Electronics RUSBF090-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PolySwitch Resettable Devices
Radial-leaded Devices
Raychem Circuit Protection has pioneered PPTC technology
for over 25 years. Our radial-leaded products represent the
widest range of product capabilities.
•
RGEF series for hold currents up to 14A
•
RHEF series for flatter thermal derating and operating
temperatures up to 125°C
•
RUEF series for balance of voltage rating (30V) and
hold current (up to 9A)
•
RUSBF series for fast time-to-trip and low-resistance
computer applications
•
RTEF series specifically designed for IEEE-1394 applications
•
RXEF series for low hold currents (down to 50mA) and high
voltage rating (up to 72V)
•
LVR/LVRL series for line voltage applications up to a continuous
operating voltage of 265VAC/135VAC
•
BBRF series for cable telephone applications
•
Now offering Pb-free versions of all products. For Pb-free
versions of R-line products simply add an "F" to the end of
the series description.
Whether for design or volume application, Raychem Circuit
Protection's radial-leaded products represent the most
comprehensive and complete set of PPTC products available
in the industry today.
Benefits
• Many product choices give engineers more design flexibility
• Compatible with high-volume electronics assembly
• Assists in meeting regulatory requirements
• Higher voltage ratings allow use in new applications
Features
• Broadest range of radial-leaded resettable devices
available in the industry
• Current ratings from 50mA to 15A
• Voltage ratings from 6V (computer and electronic
applications) to 265VAC line voltage applications
• Agency recognition : UL, CSA, TÜV
• Fast time-to-trip
• Low resistance
• USB hub, ports and peripherals
• IEEE1394 ports
• CD-ROMs
• Game machines
• Battery packs
Applications
• Satellite video receivers
• Industrial controls
• Transformers
• Computer motherboards
• Modems
• Phones
• Fax machines
• Analog and digital line cards
• Printers
13
110


Similar Part No. - RUSBF090-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RUSBF090-2 MACOM-RUSBF090-2 Datasheet
329Kb / 28P
PolySwitch Resettable Devices Radial-leaded Devices
More results

Similar Description - RUSBF090-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
PolySwitch Resettable Devices Automotive Devices
LTP190SS MACOM-LTP190SS Datasheet
218Kb / 16P
PolySwitch Resettable Devices Strap Battery Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
PolySwitch Resettable Devices
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
PolySwitch Resettable Devices
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com