Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMB13 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PEMB13
Description  PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMB13 Datasheet(HTML) 1 Page - NXP Semiconductors

  PEMB13 Datasheet HTML 1Page - NXP Semiconductors PEMB13 Datasheet HTML 2Page - NXP Semiconductors PEMB13 Datasheet HTML 3Page - NXP Semiconductors PEMB13 Datasheet HTML 4Page - NXP Semiconductors PEMB13 Datasheet HTML 5Page - NXP Semiconductors PEMB13 Datasheet HTML 6Page - NXP Semiconductors PEMB13 Datasheet HTML 7Page - NXP Semiconductors PEMB13 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product data sheet
Supersedes data of 2003 Dec 11
2004 Apr 15
DISCRETE SEMICONDUCTORS
PEMB13; PUMB13
PNP/PNP resistor-equipped
transistors; R1 = 4.7 k
Ω, R2 = 47 kΩ


Similar Part No. - PEMB13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB13 PHILIPS-PEMB13 Datasheet
60Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2004 Apr 15
logo
Nexperia B.V. All right...
PEMB13 NEXPERIA-PEMB13 Datasheet
915Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 4 - 7 December 2011
logo
NXP Semiconductors
PEMB13_PUMB13 PHILIPS-PEMB13_PUMB13_15 Datasheet
626Kb / 14P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 4-7 December 2011
More results

Similar Description - PEMB13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143E NXP-PDTA143E Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 04
PDTA143Z NXP-PDTA143Z Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 05
PDTA144E NXP-PDTA144E Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 05
PDTA144W NXP-PDTA144W Datasheet
188Kb / 14P
PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 05
PEMB2 NXP-PEMB2 Datasheet
144Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PEMB9 NXP-PEMB9 Datasheet
143Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2003 Oct 03
PEMB10 NXP-PEMB10 Datasheet
144Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 03
PEMD13 NXP-PEMD13 Datasheet
147Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2003 Oct 08
PDTA143ZMB NXP-PDTA143ZMB Datasheet
703Kb / 11P
PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 47 k廓
Rev. 1-29 June 2012
logo
Nexperia B.V. All right...
PQMD13 NEXPERIA-PQMD13 Datasheet
734Kb / 17P
NPN/PNP resistor-equipped transistors;R1 = 4.7 k廓, R2 = 47 k廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com