Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLP210 Datasheet(PDF) 9 Page - Tyco Electronics

Part # VLP210
Description  PolySwitch??Resettable Device Short Form Catalog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VLP210 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button VLP210 Datasheet HTML 5Page - Tyco Electronics VLP210 Datasheet HTML 6Page - Tyco Electronics VLP210 Datasheet HTML 7Page - Tyco Electronics VLP210 Datasheet HTML 8Page - Tyco Electronics VLP210 Datasheet HTML 9Page - Tyco Electronics VLP210 Datasheet HTML 10Page - Tyco Electronics VLP210 Datasheet HTML 11Page - Tyco Electronics VLP210 Datasheet HTML 12Page - Tyco Electronics VLP210 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TELECOM AND BROADBAND PRODUCTS
6
Figure 1
Figure 2
TR250
A
B
E
φ 0.65mm
C
B
D
φ 0.65mm
A
E
These product lines consist of radial-leaded and
surface-mount devices that help protect against short
duration high voltage faults (250-600Vrms). TR and
TS products are designed to help meet the protection
needs of telecommunications applications. BBR
devices help provide overcurrent protection of the
power tap in hybrid-coaxial applications.
Part
IH
IT
V max. Operating
V max. Interrupt
I max.
R min.
R max.
R1 max.
Agency
number
(A)
(A)
(Vdc)
(Vrms)
(A)
(
Ω)(Ω)(Ω)
recognition
Fig.
TR250-080T
0.080
0.160
60
250
3.0
15.0
22.0
33.0
UL, TÜV, CSA
1
TR250-080U
0.080
0.160
60
250
3.0
14.0
20.0
33.0
UL, TÜV, CSA
1
TR250-110U
0.110
0.220
60
250
3.0
5.0
9.0
16.0
UL, TÜV, CSA
1
TR250-120
0.120
0.240
60
250
3.0
4.0
8.0
16.0
UL, TÜV, CSA
2
TR250-120T
0.120
0.240
60
250
3.0
7.0
12.0
16.0
UL, TÜV, CSA
2
TR250-120T-RA
0.120
0.240
60
250
3.0
7.0
9.0
16.0
UL, TÜV, CSA
2
TR250-120T-RC
0.130
0.240
60
250
3.0
5.4
7.5
14.0
UL, TÜV, CSA
2
TR250-120T-RF
0.120
0.240
60
250
3.0
6.0
10.5
16.0
UL, TÜV, CSA
2
TR250-120T-R1
0.120
0.240
60
250
3.0
6.0
9.0
16.0
UL, TÜV, CSA
2
TR250-120T-R2
0.120
0.240
60
250
3.0
8.0
10.5
16.0
UL, TÜV, CSA
2
TR250-120U
0.120
0.240
60
250
3.0
6.0
10.0
16.0
UL, TÜV, CSA
2
TR250-120UT
0.120
0.240
60
250
3.0
7.0
12.0
16.0
UL, TÜV, CSA
2
TR250-145
0.145
0.290
60
250
3.0
3.0
6.0
14.0
UL, TÜV, CSA
2
TR250-145-RA
0.145
0.290
60
250
3.0
3.0
5.5
12.0
UL, TÜV, CSA
2
TR250-145-RB
0.145
0.290
60
250
3.0
4.5
6.0
14.0
UL, TÜV, CSA
2
TR250-145T
0.145
0.290
60
250
3.0
5.4
7.5
14.0
UL, TÜV, CSA
2
TR250-145U
0.145
0.290
60
250
3.0
3.5
6.5
12.0
UL, TÜV, CSA
2
TRF250-180†
0.180
0.650
100
250
10.0
0.8
2.2
4.0
UL, TÜV, CSA
1
These products are intended for telecom applications. For continuous line voltage applications, see LVR product line. Please see the Raychem Circuit Protection Databook for
application details. Most products are available in binned versions for resistance-matched applications. Please see Raychem Circuit Protection Databook for performance details.
† F is for RoHS compliant devices.
Dimensions (millimeters/
inches)
Part
ABCDE
number
(max.)
(max.)
(max.)
(min.)
(typ.)
Fig.
TR250-080T
5.8
(0.228)
9.9
(0.390)
4.6
(0.181)
4.7
(0.185)
5.0
(0.197)
1
TR250-080U
4.8
(0.189)
9.3
(0.366)
3.8
(0.150)
4.7
(0.185)
5.0
(0.197)
1
TR250-110U
5.3
(0.210)
9.4
(0.370)
3.8
(0.150)
4.7
(0.185)
5.0
(0.197)
1
TR250-120
6.5
(0.256)
11.0
(0.433)
4.6
(0.180)
4.7
(0.185)
5.0
(0.197)
2
TR250-120U
6.0
(0.236)
10.0
(0.394)
3.8
(0.150)
4.7
(0.185)
5.0
(0.197)
2
TR250-145
6.5
(0.256)
11.0
(0.433)
4.6
(0.180)
4.7
(0.185)
5.0
(0.197)
2
TR250-145U
6.0
(0.236)
10.0
(0.394)
3.8
(0.150)
4.7
(0.185)
5.0
(0.197)
2
TRF250-180
9.0
(0.354)
12.0
(0.472)
3.8
(0.150)
4.7
(0.185)
5.0
(0.197)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com