Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLP210 Datasheet(PDF) 16 Page - Tyco Electronics

Part # VLP210
Description  PolySwitch??Resettable Device Short Form Catalog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VLP210 Datasheet(HTML) 16 Page - Tyco Electronics

Back Button VLP210 Datasheet HTML 10Page - Tyco Electronics VLP210 Datasheet HTML 11Page - Tyco Electronics VLP210 Datasheet HTML 12Page - Tyco Electronics VLP210 Datasheet HTML 13Page - Tyco Electronics VLP210 Datasheet HTML 14Page - Tyco Electronics VLP210 Datasheet HTML 15Page - Tyco Electronics VLP210 Datasheet HTML 16Page - Tyco Electronics VLP210 Datasheet HTML 17Page - Tyco Electronics VLP210 Datasheet HTML 18Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
13
LR4, SRP: 120˚C Typical Activation
ELV Compliant, RoHS Compliant
DEVICES FOR BA TTERY P ACK APPLICA TIONS
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.
R max. initial
Agency
A
B
C
number
(A)
(A)
(Vdc)
(A)
(
Ω)
recognition
(max.)
(max.)
(max.)
Fig.
LR4
LR4-170UF
1.7
3.4
15
100
0.078
UL
21.0
(0.83)
4.0
(0.16)
0.7
(0.03)
18
LR4-190F
1.9
3.9
15
100
0.072
UL, TÜV, CSA
22.1
(0.87)
5.5
(0.22)
1.0
(0.04)
16
LR4-190S†
1.9
3.9
15
100
0.072
UL, TÜV, CSA
22.1
(0.87)
5.5
(0.22)
1.0
(0.04)
17
LR4-260F
2.6
5.8
15
100
0.042
UL, TÜV, CSA
23.1
(0.91)
5.5
(0.22)
1.0
(0.04)
16
LR4-260SF
2.6
5.8
15
100
0.042
UL, TÜV, CSA
23.1
(0.91)
5.5
(0.22)
1.0
(0.04)
17
LR4-380F
3.8
8.3
15
100
0.026
UL, TÜV, CSA
26.0
(1.02)
7.5
(0.30)
1.0
(0.04)
16
LR4-380X†
3.8
8.3
15
100
0.026
UL, TÜV, CSA
35.8
(1.41)
5.5
(0.22)
1.0
(0.04)
16
LR4-450F
4.5
8.9
20
100
0.020
UL, TÜV, CSA
26.0
(1.02)
10.5
(0.41)
1.0
(0.04)
16
LR4-550F
5.5
10.5
20
100
0.016
UL, TÜV, CSA
37.0
(1.46)
7.5
(0.30)
1.0
(0.04)
16
LR4-600F
6.0
11.7
20
100
0.014
UL, TÜV, CSA
26.0
(1.02)
14.5
(0.57)
1.0
(0.04)
16
LR4-600X†
6.0
11.7
20
100
0.014
UL, TÜV, CSA
42.7
(1.68)
7.5
(0.30)
1.0
(0.04)
16
LR4-730F
7.3
14.1
20
100
0.012
UL, TÜV, CSA
29.1
(1.15)
14.5
(0.57)
1.0
(0.04)
16
LR4-880SS†
8.8
16
20
100
0.0105
UL, TÜV, CSA
65.2
(2.57)
8.5
(0.33)
1.0
(0.04)
17
LR4-900F
9.0
16.7
20
100
0.010
UL, TÜV, CSA
47.6
(1.874)
8.5
(0.335)
1.3
(0.05)
16
LR4-1300SSF
13.0
21.2
20
100
0.0065
UL, TÜV, CSA
66.5
(2.62)
10.0
(0.39)
1.3
(0.05)
17
LR4-1410†
14.1
26.2
20
100
0.005
UL, TÜV, CSA
60.0
(2.36)
14.0
(0.55)
1.3
(0.05)
16
SRP
SRP120F
1.2
2.7
15
100
0.160
UL, TÜV, CSA
22.1
(0.87)
5.2
(0.20)
1.0
(0.04)
19
SRP120L†
1.2
2.7
15
100
0.160
UL, TÜV, CSA
27.1
(1.07)
5.2
(0.20)
1.0
(0.04)
19
SRP120SF
1.2
2.7
15
100
0.160
UL, TÜV, CSA
22.1
(0.87)
5.2
(0.20)
1.0
(0.04)
20
SRP175F
1.75
3.8
15
100
0.090
UL, TÜV, CSA
23.1
(0.91)
5.2
(0.20)
1.0
(0.04)
19
SRP175LF
1.75
3.8
15
100
0.090
UL, TÜV, CSA
32.1
(1.26)
5.2
(0.20)
1.0
(0.04)
19
SRP175SF
1.75
3.8
15
100
0.090
UL, TÜV, CSA
23.1
(0.91)
5.2
(0.20)
1.0
(0.04)
20
SRP175SS†
1.75
3.8
15
100
0.090
UL, TÜV, CSA
23.1
(0.91)
5.2
(0.20)
1.0
(0.04)
21
SRP200F
2.0
4.4
30
100
0.060
UL, TÜV, CSA
23.4
(0.92)
11.0
(0.43)
1.1
(0.04)
19
SRP350F
3.5
6.3
30
100
0.031
UL, TÜV, CSA
31.8
(1.25)
13.5
(0.53)
1.1
(0.04)
19
SRP420F
4.2
7.6
30
100
0.024
UL, TÜV, CSA
32.4
(1.28)
13.6
(0.54)
1.1
(0.04)
19
† Please contact Raychem Circuit Protection for RoHS compliant version.
Top View
Side View
Top View
Side View
A
B
C
A
B
C
Slit: 0.5 mm x 4.0 mm nom.
.02 in x .16 in
Figure 17
Top View
Side View
B
C
A
Figure 18
Figure 16
A
B
C
Slit: 0.5 mm x 4.0 mm nom.
.02 in x .16 in
Top View
Side View
Top View
Side View
A
B
C
Figure 19
Figure 20
A
B
C
Slit: 0.5 mm x 4.0 mm nom.
.02 in x .16 in
Top View
Side View
Figure 21
The LR4 devices’ smaller thermal mass
means reduced reaction time to over-
current events. The LR4 devices are
suited for battery packs intended for
computer and camcorder applications.
The SRP products help provide reliable,
non-cycling protection for rechargeable
batteries. Weldable nickel leads and a
narrow, low-profile design make these
devices easy to install directly onto
battery cells.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com