Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSS Datasheet(PDF) 1 Page - Recom International Power

Part # RSS
Description  1 Watt SMD Single & Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSS Datasheet(HTML) 1 Page - Recom International Power

  RSS_10 Datasheet HTML 1Page - Recom International Power RSS_10 Datasheet HTML 2Page - Recom International Power RSS_10 Datasheet HTML 3Page - Recom International Power RSS_10 Datasheet HTML 4Page - Recom International Power RSS_10 Datasheet HTML 5Page - Recom International Power RSS_10 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
E-10
www.recom-electronic.com
REV: 0/2009
ECONOLINE
DC/DC-Converter
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SMD
(3kV)
(VDC)
(VDC)
(mA)
(%)
RSS**-xx3.3
(H)
3.3, 5, 12, 15, 24
3.3
303
75
RSS**-xx05
(H)
3.3, 5, 12, 15, 24
5
200
70-78
RSS**-xx09
(H)
3.3, 5, 12, 15, 24
9
111
74-78
RSS**-xx12
(H)
3.3, 5, 12, 15, 24
12
84
76-80
RSS**-xx15
(H)
3.3, 5, 12, 15, 24
15
66
76-82
RSS**-xx24
(H)
3.3, 5, 12, 15, 24
24
42
74-84
RSD**-xx3.3
(H)
3.3, 5, 12, 15, 24
±3.3
±152
70
RSD**-xx05
(H)
3.3, 5, 12, 15, 24
±5
±100
72-78
RSD**-xx09
(H)
3.3, 5, 12, 15, 24
±9
±56
74-78
RSD**-xx12
(H)
3.3, 5, 12, 15, 24
±12
±42
76-80
RSD**-xx15
(H)
3.3, 5, 12, 15, 24
±15
±33
76-82
RSD**-xx24
(H)
3.3, 5, 12, 15, 24
±24
±21
74-84
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Input Voltage Range
±10%
Output Voltage Accuracy
±5% max.
Line Voltage Regulation
RSS, RSS8, RSD, RSD10
1.2%/1% of Vin typ.
RSS12, RSD12
1%/1% of Vin typ.
Load Voltage Regulation
3.3V output types
15% typ., 20% max.
(10% to 100% full load)
5V output type
12% typ., 15% max.
9V, 12V, 15V, 24V output types
7% typ., 10% max.
Output Ripple and Noise (20MHz limited)
All Variants
100mVp-p max.
Operating Frequency
50kHz min. / 100kHz typ. / 120kHz max.
Efficiency at Full Load
See Selection Guide
No Load Power Consumption
R1S** types
101mW min. / 126mW typ. / 220mW max.
R1D**
types 87mW min. / 130mW typ. / 230mW max.
Maximum Capacitive Load
33µF / ±10µF
Isolation Voltage
(tested for 1 second)
1000VDC min.
H-Suffix
(tested for 1 second)
3000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
RSS, RSS8, RSD, RSD10
15pF min. / 70pF max.
RSS12, RSD1
10pF min. / 75pF max.
Isolation Resistance
10 G
Ω min.
1 Watt SMD
Single &
Dual Output
RoHS 5/6 Conform
1kVDC or3kVDC Isolation Options
H version Approved for Medical Applications
Suitable for Fully Automated Assembly
Optional Continuous Short Circuit Protected
Efficiency to 84%
RoHS 5/6 Conform
Features
Unregulated
Converters
RSS** : ** without marking denotes 5 pins out of 8 fitted (includes /H option)
** with marking 8 denotes 8 pins out of 8 fitted (/H option not available)
** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
RSD** : ** without marking denotes 6 pins out of 10 fitted (includes /H option)
** with marking 10 denotes with 10 pins out of 10 fitted (/H option not available)
** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
EN-60950-1 Certified
EN-60601-1 Certified
(suffix H)
Case and Pinning Options (note restrictions on /H option)
xx = Input Voltage (other input and output voltage combinations available on request)
* add Suffix “H” for 3kV Isolation, e.g.
RSS-0505/H, RSD-0505/H, RSS12-0505/H, RSD12-0505/H
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
RSS8-0505/P, RSS-0505/HP, RSD12-0505/HP
* add suffix -R for tape & reel packing e.g.
RSS-0505-R. For more details see Application Notes.
RSS_RSD
Description
RSS and RSD DC/DC converters are
typically used in general purpose low
power isolation and voltage matching
applications where an SMD mounting
style is required. The converters feature
a full industrial operating temperature
range of -40°C ~ +85°C without
derating and come in three different
case formats to make them compatible
with industry standards.
Refer to Application Notes
RoHS
2002/95/EC
5/6


Similar Part No. - RSS_10

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS110N03 ROHM-RSS110N03 Datasheet
60Kb / 4P
Switching (30V, 11A, -11A)
logo
Jinan Jing Heng Electro...
RSS310LT JINGHENG-RSS310LT Datasheet
66Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - RSS_10

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSS-121.8 RECOM-RSS-121.8 Datasheet
114Kb / 4P
1 Watt SMD Single & Dual Output
RSS-1.81.8 RECOM-RSS-1.81.8_06 Datasheet
126Kb / 4P
1 Watt SMD Single & Dual Output
R1S RECOM-R1S Datasheet
119Kb / 4P
1 Watt SMD Single & Dual Output
R1S-0505 RECOM-R1S-0505 Datasheet
160Kb / 4P
1 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R1S-2405HP ETC2-R1S-2405HP Datasheet
126Kb / 4P
1 Watt SMD Single Dual Output
logo
Recom International Pow...
R1S-0515 RECOM-R1S-0515 Datasheet
126Kb / 4P
1 Watt SMD Single Dual Output
R1D-1212 RECOM-R1D-1212 Datasheet
157Kb / 5P
1 Watt SMD Single Dual Output
R1S-2424 RECOM-R1S-2424 Datasheet
126Kb / 4P
1 Watt SMD Single Dual Output
R1DX RECOM-R1DX Datasheet
1Mb / 8P
1 Watt SMD Single & Dual Output
R1M RECOM-R1M Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com