Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSS Datasheet(PDF) 6 Page - Recom International Power

Part # RSS
Description  1 Watt SMD Single & Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSS Datasheet(HTML) 6 Page - Recom International Power

  RSS_10 Datasheet HTML 1Page - Recom International Power RSS_10 Datasheet HTML 2Page - Recom International Power RSS_10 Datasheet HTML 3Page - Recom International Power RSS_10 Datasheet HTML 4Page - Recom International Power RSS_10 Datasheet HTML 5Page - Recom International Power RSS_10 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.recom-international.com
E-15
REV:0/2009
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
3rd angle
projection
12 PIN Single and Dual SMD Package
11.10
Bottom View
0.55
Top View
Separation
> 3.8 mm
2
5
RECOM
RSS_RSD12-xxxx
xxxx
1
15.24
5.3
14.70
2.54x5
7.3
1.65
9.00
7.90
8.15
7.40
0.95
1.20
12.00
1.80
7
2
15
1.20
7
6
8
11
12
6
8
11
12
3
10
3
10
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
3NC
NC
5
–Vout
Com
6
NC
–Vout
7NC
NC
8
+Vout
+Vout
10
NC
NC
11
NC
NC
12
NC
NC
NC = No Connection
Recommended Footprint Details
Note: /H option is available in
this pin package
RSS** : ** without marking denotes 5 pins out of 8 fitted (includes /H option)
e.g. RSS-0505, RSS-0505/H, RSS-0505/HP
** with marking 8 denotes 8 pins out of 8 fitted (/H option not available)
e.g. RSS8-0505, RSS8-0505/P
** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
e.g. RSS12-0505, RSS12-0505/H, RSS12-0505/HP
RSD** : ** without marking denotes 6 pins out of 10 fitted (includes /H option)
e.g. RSD-0505, RSD-0505/H, RSD-0505/HP
** with marking 10 denotes with 10 pins out of 10 fitted (/H option not available)
e.g. RSD10-0505, RSD10-0505/P
** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
e.g. RSD12-0505, RSD12-0505/H, RSD12-0505/HP
Part Number Information
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
RSS_RSD
Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com