Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCL280 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXCL280
Description  ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL280 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXCL280 Datasheet HTML 1Page - Zetex Semiconductors ZXCL280 Datasheet HTML 2Page - Zetex Semiconductors ZXCL280 Datasheet HTML 3Page - Zetex Semiconductors ZXCL280 Datasheet HTML 4Page - Zetex Semiconductors ZXCL280 Datasheet HTML 5Page - Zetex Semiconductors ZXCL280 Datasheet HTML 6Page - Zetex Semiconductors ZXCL280 Datasheet HTML 7Page - Zetex Semiconductors ZXCL280 Datasheet HTML 8Page - Zetex Semiconductors ZXCL280 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ISSUE 5 - NOVEMBER 2001
ZXCL250 ZXCL260 ZXCL280
ZXCL300 ZXCL330 ZXCL400
5
0.0
0.1
0.2
0.3
0.4
0.5
-20
-10
0
10
20
3
4
5
6
0
10203040506070
8090
100
0
1
2
3
4
5
6
0.0
0.1
0.2
0.3
0.4
0.5
-20
-10
0
10
20
3
4
5
6
0.0
0.1
0.2
0.3
0.4
0.5
-100
-50
0
50
100
0
50
100
10
100
1k
10k
100k
1M
0.01
0.1
1
10
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
COUT =1mF
Tr &Tf = 2.5ms
Line Rejection IL = 100mA
Time (ms)
VIN =5V
IL = 1mA
IL = 100mA
Enable
VIN = 3.3V
IL = 1mA
IL = 100mA
COUT =1mF
Start-Up Response
Time (
µs)
COUT =1mF
Tr &Tf = 2.5ms
Line Rejection IL =1mA
Time (ms)
COUT =10mF
COUT =1mF
COUT =10mF
COUT =1mF
VIN =5V
IL = 1mA to 50mA
Load Response
Time (ms)
IL = 100mA, COUT =1mF
IL = 100mA, COUT =10mF
No Load, COUT =10mF
No Load, COUT =1mF
Output Noise v Frequency
Frequency (Hz)
All Caps Ceramic
Surface Mount
IL = 50mA
COUT =1mF
COUT = 2.2mF
COUT =10mF
Power Supply Rejection v Frequency
Frequency (Hz)
TYPICAL CHARACTERISTICS (ZXCL280 shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com