Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCL280 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXCL280
Description  ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL280 Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZXCL280 Datasheet HTML 3Page - Zetex Semiconductors ZXCL280 Datasheet HTML 4Page - Zetex Semiconductors ZXCL280 Datasheet HTML 5Page - Zetex Semiconductors ZXCL280 Datasheet HTML 6Page - Zetex Semiconductors ZXCL280 Datasheet HTML 7Page - Zetex Semiconductors ZXCL280 Datasheet HTML 8Page - Zetex Semiconductors ZXCL280 Datasheet HTML 9Page - Zetex Semiconductors ZXCL280 Datasheet HTML 10Page - Zetex Semiconductors ZXCL280 Datasheet HTML 11Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Input to Output Diode
In common with many other LDO regulators, the ZXCL
device has an inherent diode associated with the
output series pass transistor of each regulator. This
diode has its anode connected to the output and its
cathode to the input. The internal diode is normally
reverse biased, but will conduct if the output is forced
above the input by more than a VBE (approximately
0.6V). Current will then flow from Vout to Vin. For safe
operation, the maximum current in this diode should
be limited to 5mA continuous and 30mA peak. An
external schottky diode may be used to provide
protection when this condition cannot be satisfied.
Increased Output current
Any ZXCL series device may be used in conjunction
with an external PNP transistor to boost the output
current capability. In the application circuit
shown
below, a FMMT717 device is employed as the external
pass element. This SOT23 device can supply up to 2.5A
maximum current subject to the thermal dissipation
limits of the package (625mW). Alternative devices
may be used to supply higher levels of current. Note
that with this arrangement, the dropout voltage will be
increased by the VBE drop of the external device. Also,
care should be taken to protect the pass transistor in
the event of excessive output current.
ISSUE 5 - NOVEMBER 2001
ZXCL250 ZXCL260 ZXCL280
ZXCL300 ZXCL330 ZXCL400
7
VIN
EN
VO
U1
ZXCL SERIES
Q1
FMMT717
R1
5.6R
C2
1uF
C1
1uF
C3
1uF
VOUT
VIN
Scheme to boost output current to 2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com