Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24C04/08ATMUH Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE24C04/08ATMUH
Description  Two-wire Serial EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C04/08ATMUH Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE24C04/08ATMUH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C04/08ATMUH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C04/08ATMUH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C04/08ATMUH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C04/08ATMUH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C04/08ATMUH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C04/08ATMUH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24C04/08ATMUH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24C04/08ATMUH Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
 
                                                                                                      
ACE24C04.08A
                        Technology
Two-wire Serial EEPROM
VER 1.2
8
Device Addressing
The 4/8K EEPROM devices all require an 8-bit device address word following a start condition to
enable the chip for a read or write operation (refer to Figure 7).
The device address word consists of a mandatory one, zero sequence for the first four most
significant bits as shown. This is common to all the EEPROM devices.
The 4K EEPROM only uses the A2 and A1 device address bits with the third bit being a memory
page address bit. The two device address bits must compare to their corresponding hard-wired input
pins. The A0 pin is no connect.
The 8K EEPROM only uses the A2 device address bit with the next 2 bits being for memory page
addressing. The A2 must compare to its corresponding hard-wired input pin. The A1 and A2 pins are
no connect.
The module package device address word also consist of a mandatory one, zero sequence for the
first four most significant bits. The next 3 bits are all zero.
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if
this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a zero. If a compare is not made, the
chip will return to a standby state.
Write Operations
Byte Write
A write operation requires an 8-bit data word address following the device address word and
acknowledgment. Upon receipt of this address, the EEPROM will again respond with a zero and then
clock in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a
zero and the addressing device, such as a microcontroller, must terminate the write sequence with a
stop condition. At this time the EEPROM enters an internally timed write cycle, tWR, to the nonvolatile
memory. All inputs are disabled during this write cycle and the EEPROM will not respond until the write
is complete (refer to Figure 8).
Page Write
The 4/8K devices are capable of 16-byte page writes.
A page write is initiated the same as a byte write, but the microcontroller does not send a stop
condition after the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the
first data word, the microcontroller can transmit up to seven more data words. The EEPROM will
respond with a zero after each data word received. The microcontroller must terminate the page write
sequence with a stop condition (refer to Figure 9).
The data word address lower three bits are internally incremented following the receipt of each data
word. The higher data word address bits are not incremented, retaining the memory page row location.
When the word address, internally generated, reaches the page boundary, the following byte is placed
at the beginning of the same page. If more than eight data words are transmitted to the EEPROM, the
data word address will “roll over” and previous data will be overwritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com