Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24C04/08ATMUH Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE24C04/08ATMUH
Description  Two-wire Serial EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C04/08ATMUH Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE24C04/08ATMUH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C04/08ATMUH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C04/08ATMUH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C04/08ATMUH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C04/08ATMUH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C04/08ATMUH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C04/08ATMUH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C04/08ATMUH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C04/08ATMUH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
 
                                                                                                      
ACE24C04.08A
                        Technology
Two-wire Serial EEPROM
VER 1.2
1
 
Description
The ACE24C04/08A provides low operation voltage of 4096/8192 bits of serial electrically erasable and
programmable read-only memory (EEPROM) organized as 512/1024 words of 8 bits each. The device is
optimized for use in many industrial and commercial applications where low-power and low-voltage
operations are essential.
Features
Low Operation Voltage: Vcc=1.7V to 5.5V
5V tolerant I/O
Internally Organized: 256x8 (4K), 1024x8 (8K)
Two-wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bi-directional Data Transfer Protocol
1MHz(2.5V~5.5V) and 400kHz(1.7V) Compatibility
Write Protect Pin for Hardware Data Protection
16-byte Page Write Modes
Partial Page Writes are Allowed
Self-timed Write Cycle (5 ms max)
High-reliability - Endurance: 1,000,000 Write Cycles
- Data Retention: 100 Years
Absolute Maximum Ratings
Operating Temperature
-55℃ to +125℃
Storage Temperature
-65℃ to +150℃
Voltage on Any Pin with Respect to Ground
-1.0V to +7.0V
Maximum Operating Voltage
6.25V
DC Output Current
5.0 mA
*Notice: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of this specification are not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - ACE24C04/08ATMUH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C04 ACE-ACE24C04 Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24C04.08A ACE-ACE24C04.08A_11 Datasheet
607Kb / 15P
Two-wire Serial EEPROM
VER 1.5
ACE24C04A ACE-ACE24C04A Datasheet
607Kb / 15P
Two-wire Serial EEPROM
VER 1.5
ACE24C04B ACE-ACE24C04B Datasheet
654Kb / 20P
Two-wire Serial EEPROM
VER 1.3
ACE24C04DP+TH ACE-ACE24C04DP+TH Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
More results

Similar Description - ACE24C04/08ATMUH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
Two-wire Serial EEPROM
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
Two-wire Serial EEPROM
VER 1.3
ACE24C02 ACE-ACE24C02 Datasheet
654Kb / 20P
Two-wire Serial EEPROM
VER 1.3
ACE24C16A ACE-ACE24C16A_11 Datasheet
658Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24LC02 ACE-ACE24LC02_11 Datasheet
717Kb / 18P
Two-wire Serial EEPROM
VER 1.6
logo
ATMEL Corporation
AT24C02B-PU ATMEL-AT24C02B-PU Datasheet
676Kb / 26P
Two-wire Serial EEPROM
logo
List of Unclassifed Man...
FT24C512A ETC2-FT24C512A Datasheet
245Kb / 17P
Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com