Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUSES01 Datasheet(PDF) 7 Page - New Japan Radio

Part # MUSES01
Description  High Quality Audio , J-FET Input, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

MUSES01 Datasheet(HTML) 7 Page - New Japan Radio

Back Button MUSES01 Datasheet HTML 3Page - New Japan Radio MUSES01 Datasheet HTML 4Page - New Japan Radio MUSES01 Datasheet HTML 5Page - New Japan Radio MUSES01 Datasheet HTML 6Page - New Japan Radio MUSES01 Datasheet HTML 7Page - New Japan Radio MUSES01 Datasheet HTML 8Page - New Japan Radio MUSES01 Datasheet HTML 9Page - New Japan Radio MUSES01 Datasheet HTML 10Page - New Japan Radio MUSES01 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MUSES01
- 7 -
Ver.2009-12-18
T R A N SIE N T R E SP O N SE (T E M P ER A T U R E )
V +/V -=±16V ,V
IN =2V P-P ,f= 10 0kH z
PulseE dge= 10nsec,G v= 0dB ,C
L= 10pF ,R L=2 ko h m
-2
-1
0
1
2
3
4
5
6
-2
-1
01
23
4
5
6
7
89
Time [μsec]
-6
-5
-4
-3
-2
-1
0
1
2
InputV oltage
O utputV oltage
T a=25℃
-40℃
85℃
SLEW R A T E vs T E M P ER AT U R E
V +/V -=±16V ,V
IN =2 V P-P ,f= 100kH z
PulseE dge=10nsec,G v=0dB ,C
L= 10pF ,R L=2 ko h m
0
4
8
12
16
20
-50
-25
0
25
50
75
100
125
150
T em perature [℃]
Rise
Fall
T R AN S IEN T R E S P O N SE (T EM P E R A T U R E )
V +/V -=±15V ,V
IN =2V P-P ,f= 1 00kH z
PulseE dge= 10nsec,G v= 0dB ,C
L= 1 0pF ,R L= 2 kohm
-2
-1
0
1
2
3
4
5
6
-2
-1
01
2
3
45
67
89
Time [μsec]
-6
-5
-4
-3
-2
-1
0
1
2
InputV oltage
O utputV oltage
Ta=25℃
-40℃
85℃
SLEW R A T E vs T E M PER AT U R E
V +/V -=±15V ,V
IN =2V P-P ,f= 100kH z
PulseE dge=10nsec,G v=0dB ,C
L= 10pF ,R L= 2 kohm
0
4
8
12
16
20
-50
-25
0
25
50
75
100
125
150
T em perature [℃]
Rise
Fall
T R A N SIEN T R E S P O N SE (T E M P E R AT U R E )
V +/V -=±9V ,V
IN =2 V P-P ,f= 1 0 0 kH z
PulseE dge= 10nsec,G v= 0dB ,C
L= 1 0pF ,R L=2 ko h m
-2
-1
0
1
2
3
4
5
6
-2
-1
01
23
45
67
89
Tim e [μsec]
-6
-5
-4
-3
-2
-1
0
1
2
InputV oltage
O utput V oltage
Ta=25℃
-40℃
85℃
SLEW R AT E vs T EM PER A T U R E
V +/V -=±9V ,V
IN =2 V P-P ,f= 10 0kH z
PulseE dge=10nsec,G v=0dB ,C
L=1 0 p F ,R L=2 ko h m
0
4
8
12
16
20
-50
-25
0
25
50
75
100
125
150
T em perature [℃]
Rise
Fall



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com