Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUSES01 Datasheet(PDF) 8 Page - New Japan Radio

Part # MUSES01
Description  High Quality Audio , J-FET Input, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

MUSES01 Datasheet(HTML) 8 Page - New Japan Radio

Back Button MUSES01 Datasheet HTML 4Page - New Japan Radio MUSES01 Datasheet HTML 5Page - New Japan Radio MUSES01 Datasheet HTML 6Page - New Japan Radio MUSES01 Datasheet HTML 7Page - New Japan Radio MUSES01 Datasheet HTML 8Page - New Japan Radio MUSES01 Datasheet HTML 9Page - New Japan Radio MUSES01 Datasheet HTML 10Page - New Japan Radio MUSES01 Datasheet HTML 11Page - New Japan Radio MUSES01 Datasheet HTML 12Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MUSES01
- 8 -
Ver.2009-12-18
SUPPLY CURRENT vs TEMPERATURE
(SUPPLY VOLTAGE)
G
V=0dB,Vin=0V
0
2
4
6
8
10
12
-50
-25
0
25
50
75
100
125
150
Temperature [℃]
V
+/V-=±15V
±16V
±9V
SUPPLY CURRENT vs SUPPLY VOLTAGE
(TEMPERATURE)
G
V=0dB,Vin=0V
0
2
4
6
8
10
12
0
3
6
9
12
15
18
Supply Voltage [V
+/V-]
-40℃
85℃
Ta=25℃
INPUT OFFSET VOLTAGE vs SUPPLY VOLTAGE
(TEMPERATURE)
V
ICM=0V,Vin=0V
-5
-4
-3
-2
-1
0
1
2
3
4
5
02
4
6
8
10
12
14
16
18
Supply Voltage [V
+/V-]
-40℃
Ta=25℃
85℃
POWER SUPPLY REJECTION RATIO vs
TEMPERATURE
VICM=0V ,V+/V-=±9V to ±16V
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
Temperature [℃]
INPUT BIAS CURRENT vs INPUT COMMON-MODE
VOLTAGE (TEMPERATURE)
V
+/V-=±16V
1
10
100
1,000
10,000
100,000
1,000,000
-16
-12
-8
-4
0
4
8
12
16
Common-Mode Votage [V]
Ta=25℃
-40℃
85℃
INPUT BIAS CURRENT vs TEMPERATURE
(SUPPLY VOLTAGE)
V
ICM=0V
1
10
100
1,000
10,000
100,000
1,000,000
-50
-25
0
25
50
75
100
125
150
Temperature [℃]
V+/V-=±15V
±16V
±9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com