Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010 Datasheet(PDF) 13 Page - Texas Instruments

Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCE72010_09 Datasheet HTML 9Page - Texas Instruments CDCE72010_09 Datasheet HTML 10Page - Texas Instruments CDCE72010_09 Datasheet HTML 11Page - Texas Instruments CDCE72010_09 Datasheet HTML 12Page - Texas Instruments CDCE72010_09 Datasheet HTML 13Page - Texas Instruments CDCE72010_09 Datasheet HTML 14Page - Texas Instruments CDCE72010_09 Datasheet HTML 15Page - Texas Instruments CDCE72010_09 Datasheet HTML 16Page - Texas Instruments CDCE72010_09 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
AC/DC CHARACTERISTICS (CONTINUED)
CDCE72010
www.ti.com.............................................................................................................................................................. SCAS858A – JUNE 2008 – REVISED JULY 2009
over the specified industrial temperature range of –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
LVPECL Hi Swing Output
fclk
Output frequency
Open loop config.
0
1500
MHz
LVPECL high-level
VOH
Load, see Figure 5
VCC – 1.11
VCC – 0.87
V
output voltage
LVPECL low-level output
VOL
Load, see Figure 5
VCC – 2.06
VCC – 1.73
V
voltage
Differential output
|VOD|
Load, see Figure 5
760
1160
mV
voltage
Reference to output
VCXO at 491.52MHz, Output 1 is divide by 16
phase offset without
and reference at 30.72MHz, M and N delays
tpho
(2)
14
ns
using available delay
are fixed to one value (set to 0), PFD:
adjustment
240kHz, (M and N = 128)
tpd(LH)/
Propagation delay time,
Crosspoint to crosspoint, load, see Figure 5
3.4
ns
tpd(HL)
VCXO_IN to output
Divide by 1 for all dividers
45
Divide by 16 for all dividers
50
tsk(o)
(3)
LVPECL output skew
ps
Divide by 1 for divider 1
2700
Divide by 16 for all other dividers
Output capacitance on
CO
VCC = 3.3 V; VO = 0 V or VCC
5
pF
Y0 to Y8
Output capacitance on
CO
VCC = 3.3 V; VO = 0 V or VCC
7
pF
Y9
Power-down output
IOPDH
VO = VCC
25
µA
current
Power-down output
IOPDL
VO = 0V
5
µA
current
Duty cycle
45
55
%
tr/tf
Rise and fall time
20% to 80% of Voutpp
55
75
135
ps
LVDS-TO-LVPECL
Output skew between
tskP_C
LVDS and LVPECL
Crosspoint to VCC/2
0.9
1.1
1.3
ns
outputs
LVCMOS-TO-LVPECL
Output skew between
tskP_C
LVCMOS and LVPECL
Crosspoint to VCC/2
–150
260
700
ps
outputs(4)
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This is valid only for same REF_IN clock and Y output clock frequency. It can be adjusted by the SPI controller (reference delay M and
VCXO delay N).
(3)
The tsk(o) specification is only valid for equal loading of all outputs.
(4)
Operating the LVCMOS or LVPECL output above the maximum frequency will not cause a malfunction to the device, but the output
signal swing might no longer meet the output specification. The phase of LVCMOS is lagging in reference to the phase of LVDS and
LVPECL.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com