Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010 Datasheet(PDF) 21 Page - Texas Instruments

Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCE72010_09 Datasheet HTML 17Page - Texas Instruments CDCE72010_09 Datasheet HTML 18Page - Texas Instruments CDCE72010_09 Datasheet HTML 19Page - Texas Instruments CDCE72010_09 Datasheet HTML 20Page - Texas Instruments CDCE72010_09 Datasheet HTML 21Page - Texas Instruments CDCE72010_09 Datasheet HTML 22Page - Texas Instruments CDCE72010_09 Datasheet HTML 23Page - Texas Instruments CDCE72010_09 Datasheet HTML 24Page - Texas Instruments CDCE72010_09 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
CDCE72010
www.ti.com.............................................................................................................................................................. SCAS858A – JUNE 2008 – REVISED JULY 2009
Register 0: SPI Mode
SPI
RAM
POWER UP
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
BIT
Bit
CONDITION
0
A0
Address 0
0
1
A1
Address 1
0
2
A2
Address 2
0
3
A3
Address 3
0
4
0
INBUFSELX
Reference Input
Primary and secondary Buffer Type Select (LVPECL,LVDS or LVCMOS)
EEPROM
Buffers
XY(10) LVPECL, (11) LVDS, (00) LVCMOS- Input is Positive pin
5
1
INBUFSELY
6
2
PRISEL
When REFSELCNTRL is set to 1, the following settings apply:
If RAM Bits (2,3): 00 – No input buffer is selected/active
Reference Input
If RAM Bits (2,3): 10 – PRI_BUF is selected, SEC_BUF is powered down
EEPROM
Buffer
7
3
SECSEL
If RAM Bits (2,3): 01 – SEC_BUF is selected, PRI_BUF is powered down(1)
If RAM Bits (2,3): 11 – Auto Select (PRI then SEC).
When set to 0, PRI- or SEC-clock is selected, depending on bits 2 and 3
Divider START
8
4
VCXOSEL
(default)
EEPROM
DETERM-Block
When set to 1, VCXO/AUX-clock is selected, overwrites bits 2 and 3
Reference Select Control to select if the control of the reference is from the
internal bit in Register 0 RAM bits 2 and 3 or from the external select pin.
- When set to 0: the external pin REF_SEL takes over the selection between
Reference
PRI and SEC. Autoselect is not available.
9
5
REFSELCNTRL
Selection
EEPROM
- When set to 1: The external pin REF_SEL is ignored. The table in (Register 0
Control
<2 and 3> ) describes which reference input clock is selected and available
(none, PRI, SEC or Autoselect). In autoselect mode, refer to the timing
diagram.
10
6
DELAY_PFD0
PFD pulse width PFD bit 0
PFD
EEPROM
PFD pulse width PFD bit 1
11
7
DELAY_PFD1
12
8
CP_MODE
Selects 3V option [0] or 5V option [1]
EEPROM
Charge Pump
Determines which direction CP current will regulate (Reference Clock leads to
13
9
CP_DIR
EEPROM
Feedback Clock, Positive CP output current [0], Negative CP output current [1])
Switches the current source in the charge pump on when set to 1 (TI
14
10
CP_SRC
EEPROM
Test-GTME)
Charge Pump
15
11
CP_SNK
Diagnostics
Switches the current sink in the charge pump on when set to 1 (TI Test-GTME)
EEPROM
16
12
CP_OPA
Switches the charge pump op-amp off when set to 1 (TI Test-GTME)
EEPROM
17
13
CP_PRE
Preset charge pump output voltage to VCC_CP/2, on [1], off [0]
EEPROM
18
14
ICP0
CP current setting bit 0
EEPROM
19
15
ICP1
Charge Pump
CP current setting bit 1
EEPROM
20
16
ICP2
CP current setting bit 2
EEPROM
21
17
ICP3
CP current setting bit 3
EEPROM
22
18
RESERVED
EEPROM
23
19
RESERVED
EEPROM
Charge Pump
Enables the 12-k
Ω pull-down resistor at I_REF_CP pin when set to 1 (TI
24
20
IREFRES
EEPROM
Diagnostics
Test-GTME)
25
21
PECL0HISWING
Output 0
High output voltage swing in LVPECL mode if set to 1
EEPROM
26
22
CMOSMODE0PX
LVCMOS mode select for OUTPUT 0 positive pin.
Output 0
EEPROM
(X,Y) = 00: Active, 10: Inverting, 11: Low, 01: 3-State
27
23
CMOSMODE0PY
28
24
CMOSMODE0NX
LVCMOS mode select for OUTPUT 0 negative pin.
Output 0
EEPROM
(X,Y) = 00: Active, 10: Inverting, 11: Low, 01: 3-State
29
25
CMOSMODE0NY
RAM BITS
OUTPUT TYPE
30
26
OUTBUFSEL0X
Output 0
22
23
24
25
26
27
EEPROM
LVPECL
0
0
0
0
0
1
LVDS
0
1
0
1
1
1
31
27
OUTBUFSEL0Y
Output 0
LVCMOS
See Settings Above(2)
0
0
EEPROM
All Outputs Disabled
0
1
0
1
1
0
(1)
This setting is only available if the Register 11 Bit 2 is set to 0 (Feedback Divider clock is set to CMOS type).
(2)
Use description for bits 22, 23, 24, and 25 for setting the LVCMOS outputs.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com