Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMD2001D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMD2001D
Description  MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD2001D Datasheet(HTML) 1 Page - NXP Semiconductors

  PMD2001D Datasheet HTML 1Page - NXP Semiconductors PMD2001D Datasheet HTML 2Page - NXP Semiconductors PMD2001D Datasheet HTML 3Page - NXP Semiconductors PMD2001D Datasheet HTML 4Page - NXP Semiconductors PMD2001D Datasheet HTML 5Page - NXP Semiconductors PMD2001D Datasheet HTML 6Page - NXP Semiconductors PMD2001D Datasheet HTML 7Page - NXP Semiconductors PMD2001D Datasheet HTML 8Page - NXP Semiconductors PMD2001D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
NPN/PNP transistor pair connected as push-pull driver in a SOT457 (SC-74)
Surface-Mounted Device (SMD) plastic package.
1.2 Features
I Switching transistors in push-pull configuration
I Application-optimized pinout
I Space-saving solution
I Internal connections to minimize layout effort
I Reduces component count
1.3 Applications
I MOSFET driver
I Power bipolar transistor driver
I Output current booster for operational amplifier
1.4 Quick reference data
PMD2001D
MOSFET driver
Rev. 02 — 28 August 2009
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCEO
collector-emitter voltage
open base
-
-
40
V
IC
collector current
-
-
0.6
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
--1
A


Similar Part No. - PMD2001D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMD2001D PHILIPS-PMD2001D Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PMD2001D NEXPERIA-PMD2001D Datasheet
296Kb / 16P
MOSFET driver
Rev. 02 - 28 August 2009
More results

Similar Description - PMD2001D

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
FDA215 CLARE-FDA215 Datasheet
82Kb / 4P
MOSFET Driver
logo
NXP Semiconductors
PMD3001D NXP-PMD3001D Datasheet
180Kb / 16P
MOSFET driver
Rev. 02-28 August 2009
PMD5001K NXP-PMD5001K Datasheet
153Kb / 15P
MOSFET driver
Rev. 01-3 November 2006
PMD9002D NXP-PMD9002D Datasheet
129Kb / 15P
MOSFET driver
Rev. 01-20 November 2006
PMD9003D NXP-PMD9003D Datasheet
129Kb / 15P
MOSFET driver
Rev. 01-24 November 2006
PMD9010D NXP-PMD9010D Datasheet
148Kb / 16P
MOSFET driver
Rev. 01-20 November 2006
PMD9050D NXP-PMD9050D Datasheet
138Kb / 13P
MOSFET driver
Rev. 01-27 November 2006
logo
ON Semiconductor
NCP81155 ONSEMI-NCP81155_17 Datasheet
68Kb / 8P
MOSFET Driver
October, 2017 ??Rev. P1
logo
IXYS Corporation
FDA215 IXYS-FDA215 Datasheet
102Kb / 5P
MOSFET Driver
logo
Nexperia B.V. All right...
PMD3001D NEXPERIA-PMD3001D Datasheet
295Kb / 17P
MOSFET driver
Rev. 02 - 28 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com